Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFPA1702SB Datasheet(PDF) 2 Page - RF Micro Devices

Part # RFPA1702SB
Description  17.7GHz TO 19.7GHz HIGH LINEARITY POWER AMPLIFIER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFPA1702SB Datasheet(HTML) 2 Page - RF Micro Devices

  RFPA1702SB Datasheet HTML 1Page - RF Micro Devices RFPA1702SB Datasheet HTML 2Page - RF Micro Devices RFPA1702SB Datasheet HTML 3Page - RF Micro Devices RFPA1702SB Datasheet HTML 4Page - RF Micro Devices RFPA1702SB Datasheet HTML 5Page - RF Micro Devices RFPA1702SB Datasheet HTML 6Page - RF Micro Devices RFPA1702SB Datasheet HTML 7Page - RF Micro Devices RFPA1702SB Datasheet HTML 8Page - RF Micro Devices RFPA1702SB Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2 of 9
RFPA1702
DS120601
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Absolute Maximum Ratings
Parameter
Rating
Unit
VD1, VD2, VD3
+5.5
V
VG
0V
Junction Temperature
°C
Continuous PDISS (T = 85°C)
(derate 37 mW/°C above
T = 85°C)
°C/W
Storage Temperature
-65 to +150
°C
Operating Temperature
-40 to +85
°C
ESD Sensitivity (HBM)
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Operational Frequency
17.7
19.7
GHz
Positive Supply Voltage (VDD)5.5
V
Drain current (ID)1300
mA
Small-signal Gain
23
dB
Dynamic Range
12
15
dB
P1dB
31
dBm
at 5V
OIP3
43
dBm
at POUT = 20dBm (2 tones total power) in
17.7GHz to 19.7GHz frequency range
IM3
50
dBc
at POUT = 20dBm (2 tones total power) in
17.7GHz to 19.7GHz frequency range
40.6
dBc
at POUT = 24dBm (2 tones total power) in
17.7GHz to 19.7GHz frequency range
32.6
dBc
at POUT = 27dBm (2 tones total power) in
17.7GHz to 19.7GHz frequency range
IM5
80
dBc
at POUT = 20dBm (2 tones total power) in
17.7GHz to 19.7GHz frequency range
66
dBc
at POUT = 24dBm (2 tones total power) in
17.7GHz to 19.7GHz frequency range
Input Return Loss (RLIN)12
dB
Output Return Loss (RLOUT)8
dB
Noise Figure
dB
ESD Sensitivity (HBM)
V
ESD Sensitivity (MM)
V
Moisture Sensitivity Level
V
Caution! ESD sensitive device.
Exceeding any one or a combination of the Absolute Maximum Rating conditions may
cause permanent damage to the device. Extended application of Absolute Maximum
Rating conditions to the device may reduce device reliability. Specified typical perfor-
mance or functional operation of the device under Absolute Maximum Rating condi-
tions is not implied.
The information in this publication is believed to be accurate and reliable. However, no
responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any
infringement of patents, or other rights of third parties, resulting from its use. No
license is granted by implication or otherwise under any patent or patent rights of
RFMD. RFMD reserves the right to change component circuitry, recommended appli-
cation circuitry and specifications at any time without prior notice.
RFMD Green: RoHS compliant per EU Directive 2002/95/EC, halogen free
per IEC 61249-2-21, < 1000ppm each of antimony trioxide in polymeric
materials and red phosphorus as a flame retardant, and <2% antimony in
solder.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com