Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFPA1702SB Datasheet(PDF) 7 Page - RF Micro Devices

Part # RFPA1702SB
Description  17.7GHz TO 19.7GHz HIGH LINEARITY POWER AMPLIFIER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFPA1702SB Datasheet(HTML) 7 Page - RF Micro Devices

  RFPA1702SB Datasheet HTML 1Page - RF Micro Devices RFPA1702SB Datasheet HTML 2Page - RF Micro Devices RFPA1702SB Datasheet HTML 3Page - RF Micro Devices RFPA1702SB Datasheet HTML 4Page - RF Micro Devices RFPA1702SB Datasheet HTML 5Page - RF Micro Devices RFPA1702SB Datasheet HTML 6Page - RF Micro Devices RFPA1702SB Datasheet HTML 7Page - RF Micro Devices RFPA1702SB Datasheet HTML 8Page - RF Micro Devices RFPA1702SB Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7 of 9
RFPA1702
DS120601
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Pin Out
Package Drawing
QFN, 32-Pin, 6mm x 6mm x 0.95mm
RFPA
1702



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com