Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFPA5522 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RFPA5522
Description  WiFi Integrated PA Module 4.9GHz to 5.925GHz
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFPA5522 Datasheet(HTML) 2 Page - RF Micro Devices

  RFPA5522 Datasheet HTML 1Page - RF Micro Devices RFPA5522 Datasheet HTML 2Page - RF Micro Devices RFPA5522 Datasheet HTML 3Page - RF Micro Devices RFPA5522 Datasheet HTML 4Page - RF Micro Devices RFPA5522 Datasheet HTML 5Page - RF Micro Devices RFPA5522 Datasheet HTML 6Page - RF Micro Devices RFPA5522 Datasheet HTML 7Page - RF Micro Devices RFPA5522 Datasheet HTML 8Page - RF Micro Devices RFPA5522 Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2 of 9
RFMD + TriQuint = Qorvo
RFPA5522
Absolute Maximum Ratings
Parameter
Rating
Unit
DC Supply Voltage
-0.5 to +6
VDC
DC Supply Current
1000
mA
Operating Temperature Range
-40 to +85
ºC
Storage Temperature
-40 to +150
ºC
Maximum TX Input Power
into 50Ω for 11a/n/ac (No Damage).
*R1=0
Ω
+10
dBm
Maximum TX Input Power 10:1 VSWR for 11a/n/ac (No Damage).
*R1=15Ω
+15
dBm
Moisture Sensitivity Level (260°C JEDEC J-STD-020)
MSL2
*Note: For R1 placement please refer to the applications schematic
Caution! ESD sensitive device.
RFMD Green: RoHS status based on EU
Directive 2011/65/EU (at time of this
document revision), halogen free per IEC
61249-2-21, < 1000ppm each of
antimony trioxide in polymeric materials
and red phosphorus as a flame retardant,
and <2% antimony in solder.
Exceeding any one or a combination of the Absolute
Maximum Rating conditions may cause permanent
damage to the device. Extended application of Absolute
Maximum Rating conditions to the device may reduce
device reliability. Specified typical performance or
functional operation of the device under Absolute
Maximum Rating conditions is not implied. This is an
InGaP PA designed for high duty cycle applications with
Tj>100
oC
Nominal Operating Parameters
Parameter
Specification
Unit
Condition
Min
Typ
Max
Compliance
802.11a/n/ac
Operating Frequency
5.180
5.925
GHz
Extended Operating Frequency
4.900
5.180
GHz
Power Supply VCC
3.0
5.00
5.25
V
PA Enable - High
1.7
3.0
3.3
V
PA Enable - Low
0
0.5
V
5V Transmit Performance
T= +25ºC, VCC=5.0V, VPAEN = 3.0V, Unless otherwise
noted
11ac 80MHz Output Power
22
23
dBm
MCS9 256QAM
11ac 80MHz EVM
1.5
1.8
%
-36.5
-35
dB
11ac 160MHz Output Power
22
dBm
MCS9 256QAM
11ac 160MHz EVM
1.8
%
-35
dB
11n 20/40MHz Output Power
23.5
25
dBm
MCS7 64QAM
11n 40MHz EVM
3
%
-30.5
dB
11a Output Power
23.5
25
dBm
54Mbps 64QAM
11a DEVM
3
4
%
-30.5
-28
dB
Gain
31
33
dB
Gain Variation over Temp
-2
2.5
dB
Over any 100MHz Frequency band
Margin to Spectral Mask
5
dBm
POUT=23dBm; MCS0 160MHz
5
dBm
POUT=25dBm; MCS0 80MHz
5
dBm
POUT=26dBm; MCS0 40MHz;
5
dBm
POUT=27dBm; MCS0 20MHz;
Operating Current
285
330
mA
POUT=23dBm
385
430
POUT=27dBm
Revision DS20150303
Disclaimer: Subject to change without notice
© 2015 RF Micro Devices, Inc.
www.rfmd.com / www.qorvo.com



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com