Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFPA5522 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RFPA5522
Description  WiFi Integrated PA Module 4.9GHz to 5.925GHz
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFPA5522 Datasheet(HTML) 1 Page - RF Micro Devices

  RFPA5522 Datasheet HTML 1Page - RF Micro Devices RFPA5522 Datasheet HTML 2Page - RF Micro Devices RFPA5522 Datasheet HTML 3Page - RF Micro Devices RFPA5522 Datasheet HTML 4Page - RF Micro Devices RFPA5522 Datasheet HTML 5Page - RF Micro Devices RFPA5522 Datasheet HTML 6Page - RF Micro Devices RFPA5522 Datasheet HTML 7Page - RF Micro Devices RFPA5522 Datasheet HTML 8Page - RF Micro Devices RFPA5522 Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1 of 9
RFMD + TriQuint = Qorvo
RFPA5522
RFPA5522
WiFi Integrated PA Module
4.9GHz to 5.925GHz
The RFPA5522 is a three-stage power amplifier (PA) designed for
802.11a/n/ac applications. The integr
ated input and output 50Ω match
greatly reduces the layout area, bill of materials and manufacturability
cost in the customer application. The RFPA5522 is manufactured on an
advanced InGaP heterojunction bipolar transistor (HBT) process and is
capable of achieving linear powers up to 23dBm with an EVM <1.8%
while maintaining excellent power added efficiency.
The device is
provided in a 4.0mm x 4.0mm x 0.9mm laminate package that meets or
exceeds the power requirements of IEEE802.11a/n/ac WiFi RF systems
.
GND
RFOUT
GND
VCC1
PDET
PA_EN
VCC2
RC1
RFIN
1
3
4
5
11
12
13
14
15
2
REGULATOR
NC
GND
GND
GND
GND
VCC3
GND
GND
NC
NC
RC2
Functional Block Diagram
Ordering Information
RFPA5522SB
Standard 5-piece Sample Bag
RFPA5522SQ
Standard 25-piece Sample Bag
RFPA5522SR
Standard 100-piece Reel
RFPA5522TR13
Standard 2500-piece Reel
RFPA5522PCK-410
Fully Assembled Evaluation Board w/5-piece bag
Package: QFN, 20-pin,
4.0mm x 4.0mm x 0.9mm
Features
■ P
OUT = 23dBm, 5V, 11ac, 80MHz
MCS9 @ 1.8% EVM
■ P
OUT = 25dBm, 5V, 11n, 20/40
MHz, MCS7 @ 3%
■ Typical Gain = 33dB
■ 3.3v Functionality
■ High PAE
■ Integrated Regulator
■ Input and Output Matched to 50Ω
Integrated Power Detector,
Harmonic filter, and notch filter
Applications
■ Customer Premise Equipment
(CPE)
■ Wireless Access Points, Gateways
■ Routers
■ Set-Top Box Applications
■ Picocell/Femtocell
RFPA5522
Revision DS20150303
Disclaimer: Subject to change without notice
© 2015 RF Micro Devices, Inc.
www.rfmd.com / www.qorvo.com


Similar Part No. - RFPA5522

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFPA5512 RFMD-RFPA5512 Datasheet
212Kb / 8P
WiFi Integrated PA Module 4.9GHz to 5.85GHz
logo
Qorvo, Inc
RFPA5512 QORVO-RFPA5512 Datasheet
396Kb / 8P
WiFi Integrated PA Module 4.9GHz to 5.85GHz
logo
RF Micro Devices
RFPA5512PCK-410 RFMD-RFPA5512PCK-410 Datasheet
212Kb / 8P
WiFi Integrated PA Module 4.9GHz to 5.85GHz
logo
Qorvo, Inc
RFPA5512PCK-410 QORVO-RFPA5512PCK-410 Datasheet
396Kb / 8P
WiFi Integrated PA Module 4.9GHz to 5.85GHz
logo
RF Micro Devices
RFPA5512SB RFMD-RFPA5512SB Datasheet
212Kb / 8P
WiFi Integrated PA Module 4.9GHz to 5.85GHz
More results

Similar Description - RFPA5522

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFFM4551 RFMD-RFFM4551 Datasheet
338Kb / 10P
4.9GHz to 5.925GHz 802.11a/n/ac Wi-Fi Front End Module
RFFM8502 RFMD-RFFM8502 Datasheet
257Kb / 8P
4.9GHz to 5.85GHz 802.11a/n WiFi Front End Module
RFPA5512 RFMD-RFPA5512 Datasheet
212Kb / 8P
WiFi Integrated PA Module 4.9GHz to 5.85GHz
RFPA5542 RFMD-RFPA5542 Datasheet
391Kb / 7P
WiFi Integrated PA Module 4.9GHz to 5.925GHz
logo
Qorvo, Inc
RFFM4552 QORVO-RFFM4552 Datasheet
207Kb / 2P
4.9GHz to 5.925GHz 802.11a/n/ac Wi-Fi Front End Module
RFPA5542 QORVO-RFPA5542 Datasheet
416Kb / 8P
WiFi Integrated PA Module 4.9GHz to 5.925GHz
RFPA5512 QORVO-RFPA5512 Datasheet
396Kb / 8P
WiFi Integrated PA Module 4.9GHz to 5.85GHz
RFFM4554 QORVO-RFFM4554 Datasheet
162Kb / 2P
Wi-Fi Integrated Front End Module 4.9GHz to 5.925GHz
RFFM4551 QORVO-RFFM4551 Datasheet
135Kb / 2P
4.9GHz to 5.925GHz 802.11a/n/ac Wi-Fi Front End Module
RFFM8550 QORVO-RFFM8550 Datasheet
344Kb / 8P
4.9GHz to 5.85GHz 802.11a/n/ac WiFi Switch LNA Module
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com