Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFSA2113 Datasheet(PDF) 17 Page - RF Micro Devices

Part # RFSA2113
Description  Wide Bandwidth Voltage Controlled Attenuator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFSA2113 Datasheet(HTML) 17 Page - RF Micro Devices

Back Button RFSA2113 Datasheet HTML 10Page - RF Micro Devices RFSA2113 Datasheet HTML 11Page - RF Micro Devices RFSA2113 Datasheet HTML 12Page - RF Micro Devices RFSA2113 Datasheet HTML 13Page - RF Micro Devices RFSA2113 Datasheet HTML 14Page - RF Micro Devices RFSA2113 Datasheet HTML 15Page - RF Micro Devices RFSA2113 Datasheet HTML 16Page - RF Micro Devices RFSA2113 Datasheet HTML 17Page - RF Micro Devices RFSA2113 Datasheet HTML 18Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
RFSA2113
rfmd.com
DS140616
7628 Thorndike Road, Greensboro, NC 27409-9421 ∙ For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
17 of 18
Pin Names and Description
Pin
Function
Description
1
EN
Supply Current Enable Control
Connect to Logic Low to Enable
Connect to Logic High to Disable
2
GND
Ground Pin
3
RFIN
RF Input. Use External DC Block. RF input must be this pin to ensure linearity
and thermal resistance specifications.
4
GND
Ground Pin
5
GND
Ground Pin
6
GND
Ground Pin
7
GND
Ground Pin
8
GND
Ground Pin
9
GND
Ground Pin
10
RFOUT
RF Output. Use External DC Block. RF output must be this pin to ensure
linearity and thermal resistance specifications.
11
GND
Ground Pin
12
GND
Ground Pin
13
SLOPE
Attenuation Slope Control
Connect to Logic Low to Enable Negative Attenuation Slope
Connect to Logic High to Enable Positive Attenuation Slope
14
VDD
Supply Voltage
15
VC
Attenuator Control Voltage
16
GND
Ground Pin
GND
GND
Exposed Package Ground Paddle is RF and DC Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com