Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFSA2113 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RFSA2113
Description  Wide Bandwidth Voltage Controlled Attenuator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFSA2113 Datasheet(HTML) 1 Page - RF Micro Devices

  RFSA2113 Datasheet HTML 1Page - RF Micro Devices RFSA2113 Datasheet HTML 2Page - RF Micro Devices RFSA2113 Datasheet HTML 3Page - RF Micro Devices RFSA2113 Datasheet HTML 4Page - RF Micro Devices RFSA2113 Datasheet HTML 5Page - RF Micro Devices RFSA2113 Datasheet HTML 6Page - RF Micro Devices RFSA2113 Datasheet HTML 7Page - RF Micro Devices RFSA2113 Datasheet HTML 8Page - RF Micro Devices RFSA2113 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
RFSA2113
rfmd.com
Wide Bandwidth Voltage Controlled Attenuator
Package Style: MCM, 16-Pin, 1.175mm x 3.2mm x3.2mm
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trademark
owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademark s are the property of their respective owners. ©2006, RF Micro Devices, Inc.
DS140616
7628 Thorndike Road, Greensboro, NC 27409-9421 ∙ For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
1 of 18
Features
Patent Pending Circuit
Architecture
Broadband 50MHz to 18,000MHz
Frequency Range
30dB Attenuation Range
+45dBm IIP3 Typical
+75dBm IIP2 Typical
High 1dB Compression Point
29dBm
Low Supply Current 2mA Typical
3 to 5V Power Supply
Linear in dB Control
Characteristic
Internal Temperature
Compensation
Class 1C ESD ( 1000V )
Complete Solution in a Small
3.2mm x 3.2mm, QFN Package
Applications
Point to Point Radio
Test Instrumentation
Microwave Radio
High Linearity Power Control
3
2
4
1
10
11
9
12
CONTROL
BLOCK
ATTEN
RFIN
RFOUT
EN
GND
GND
GND
GND
GND
Product Description
RFMD’s RFSA2113 is a fully monolithic analog voltage controlled attenuator
(VCA) featuring exceptional linearity over a typical temperature compensated
30dB gain control range. The RFSA2113 features a wide bandwidth up to 18GHz.
It incorporates a revolutionary new circuit architecture to solve a long standing
industry problem: high IP3, high attenuation range, low DC current, broad
bandwidth and temperature compensated linear in dB control voltage
characteristic. This voltage controlled attenuator is controlled by a single positive
control voltage with on chip DC conditioning circuitry. The slope polarity of the
control voltage versus gain is selectable. The RFSA2113 draws a very low 2mA
current. This attenuator is matched to 50Ω over its rated control range and
frequency with no external matching components required. Typical VCA’s in this
performance are based on compound semiconductor GaAs FET MMICs that
require 1 to 2 negative voltages for control. This game changing product
incorporates the complete solution in a small 3.2mm x 3.2mm MCM package
that reduces the footprint in area and simplifies the control aspects over
conventional compound semiconductor attenuator approaches.
Ordering Information
RFSA2113SR
7” Reel with 100 pieces
RFSA2113SQ
Sample bag with 25 pieces
RFSA2113TR13
13” Reel with 2500 pieces
RFSA2113PCK-410
50MHz to 18,000MHz PCBA with 5-piece sample bag
Functional Block Diagram


Similar Part No. - RFSA2113

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
RFSA2113 QORVO-RFSA2113 Datasheet
921Kb / 19P
Wide Bandwidth Voltage Controlled Attenuator
More results

Similar Description - RFSA2113

ManufacturerPart #DatasheetDescription
logo
SYNERGY MICROWAVE CORPO...
DCMO1545 SYNERGY-DCMO1545 Datasheet
307Kb / 3P
VOLTAGE CONTROLLED OSCILLATOR SURFACE MOUNT WIDE BANDWIDTH 150 - 450 MHz
DCMO190410-5 SYNERGY-DCMO190410-5 Datasheet
316Kb / 3P
VOLTAGE CONTROLLED OSCILLATOR SURFACE MOUNT WIDE BANDWIDTH 1900-4100 MHz
DCMO110250-8 SYNERGY-DCMO110250-8 Datasheet
345Kb / 3P
VOLTAGE CONTROLLED OSCILLATOR SURFACE MOUNT WIDE BANDWIDTH 1100-2500 MHz
logo
List of Unclassifed Man...
RFSA2013TR7 ETC-RFSA2013TR7 Datasheet
2Mb / 17P
VOLTAGE CONTROLLED ATTENUATOR
logo
M/A-COM Technology Solu...
G2_SMG2 MA-COM-G2_SMG2 Datasheet
1Mb / 3P
Voltage-Controlled Attenuator Module
logo
RF Micro Devices
RFSA2023 RFMD-RFSA2023 Datasheet
1Mb / 17P
VOLTAGE CONTROLLED ATTENUATOR
RFSA2013 RFMD-RFSA2013 Datasheet
2Mb / 17P
VOLTAGE CONTROLLED ATTENUATOR
logo
M/A-COM Technology Solu...
SMG2 MA-COM-SMG2_15 Datasheet
1Mb / 4P
Voltage Controlled Attenuator Module
logo
Qorvo, Inc
RFSA2113 QORVO-RFSA2113 Datasheet
921Kb / 19P
Wide Bandwidth Voltage Controlled Attenuator
RFSA2023 QORVO-RFSA2023 Datasheet
3Mb / 16P
Voltage Controlled Attenuator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com