Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA46 Datasheet(PDF) 1 Page - Tyco Electronics

Part # MA46
Description  Surface Mount GaAs Tuning Varactors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MA46 Datasheet(HTML) 1 Page - Tyco Electronics

  MA46 Datasheet HTML 1Page - Tyco Electronics MA46 Datasheet HTML 2Page - Tyco Electronics MA46 Datasheet HTML 3Page - Tyco Electronics MA46 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Surface Mount GaAs
Tuning Varactors
MA46 Series
V3.00
M/A-COM, Inc.
North America:
Tel. (800) 366-2266
s
Asia/Pacific: Tel. +81 3 3263 8761
s
Europe: Tel. +44 (1344) 869 595
Fax (800) 618-8883
Fax +81 3 3263 8769
Fax +44 (1344) 300 020
1
Specifications Subject to Change Without Notice.
Features
q
Low Cost
q
Surface Mount Packages
q
Very High Quality Factor
q
Constant Gamma Abrupt Junction: 0.5
Hyperabrupt Junctions: 0.75, 1.25 and 1.5
q
Capacitance Ratio to 10:1
q
Case Style 1056 is Hermetic and may be
Screened to JANTX levels
q
Tape and Reel Packaging Available
Description
M/A-COM offers four families of low cost surface mount
gallium arsenide tuning varactors. All families have sili-
con nitride protected junctions for low leakage current
and high reliability.
The MA46H500 through MA46H504 family has hyper-
abrupt junctions with constant gamma of 1.5 from 2 to 12
volts and high quality factor.
The MA46H200 through MA46H206 family has hyper-
abrupt junctions with constant gamma of 1.25 from 2 to
20 volts and higher quality factor.
The MA46H070 through MA46H073 family has hyper-
abrupt junctions with constant gamma of 0.75 from 0 to
20 volts and very high quality factor.
The MA46504 through MA46506 family has abrupt junc-
tions with constant gamma of 0.5 from 0 to 30 volts and
the highest quality factor.
Applications
The MA46H500 through MA46H504 (gamma 1.5) family of
constant gamma hyperabrupt GaAs tuning varactors is
designed for wide bandwidth VCOs and voltage tuned
filters where limited bias voltage is available. These var-
actors have greatest capacitance change versus voltage at
the cost of slightly lower quality factor than the other
families of GaAs varactors.
The MA46H200 through MA46H206 (gamma 1.25) family
of constant gamma hyperabrupt GaAs tuning varactors
has the largest capacitance ratio of the families of GaAs
varactors and high quality factor. These diodes are very
well suited for wide bandwidth VCOs and VTFs where
the optimum combination of very wide tuning range and
high quality factor is required.
The MA46H070 through MA46H073 (gamma 0.75) family
of constant gamma hyperabrupt GaAs tuning varactors
has quality factor approaching that of abrupt junction var-
actors, but higher capacitance change versus tuning volt-
age. These diodes are very well suited for narrower
bandwidth VCOs and VTFs where wide tuning range and
very high quality factor are required.
The MA46504 through MA46506 (gamma 0.5) family of
constant gamma abrupt GaAs tuning varactors has the
highest quality factor. These diodes are very well suited
for narrower bandwidth VCOs and VTFs where highest
quality factor is of paramount concern.
Case Styles
1056
1088


Similar Part No. - MA46

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MA46 MA-COM-MA46 Datasheet
154Kb / 4P
Surface Mount GaAs Tuning Varactors
MA46-SERIES MA-COM-MA46-SERIES Datasheet
154Kb / 4P
Surface Mount GaAs Tuning Varactors
logo
Extech Instruments Corp...
MA460+ EXTECH-MA460+ Datasheet
186Kb / 1P
Dual display clamp-on multimeters
logo
Taoglas antenna solutio...
MA460.K.LBIC.002 TAOGLAS-MA460.K.LBIC.002 Datasheet
4Mb / 42P
Aerodynamic, Super Low-profile Vandal Resistant Housing
MA460KLBIC002 TAOGLAS-MA460KLBIC002 Datasheet
4Mb / 43P
MA460 Storm 4in1 Low Profile Permanent Mount Combination Antenna
More results

Similar Description - MA46

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA45430 MACOM-MA45430 Datasheet
68Kb / 2P
Surface Mount Abrupt Tuning Varactors
MA46600 MACOM-MA46600 Datasheet
64Kb / 3P
GaAs Abrupt Tuning Varactors
MA4ST079 MACOM-MA4ST079_1 Datasheet
96Kb / 3P
Surface Mount Hyperabrupt Wide-Band Tuning Varactors
MA46 MACOM-MA46_1 Datasheet
205Kb / 4P
Surface Mount GaAs Tuning Varactors
MA46600 MACOM-MA46600_1 Datasheet
73Kb / 2P
GaAs, High Q Abrupt Tuning Varactors
logo
M/A-COM Technology Solu...
MA46 MA-COM-MA46 Datasheet
154Kb / 4P
Surface Mount GaAs Tuning Varactors
MA46600_V6 MA-COM-MA46600_V6 Datasheet
148Kb / 2P
GaAs High Q Abrupt Tuning Varactors
MA46-SERIES MA-COM-MA46-SERIES Datasheet
154Kb / 4P
Surface Mount GaAs Tuning Varactors
MA4ST079-083 MA-COM-MA4ST079-083_15 Datasheet
98Kb / 3P
Surface Mount Hyperabrupt Wide-Band Tuning Varactors
MA46 MA-COM-MA46_15 Datasheet
762Kb / 4P
Surface Mount GaAs Tuning Varactors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com