Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA46 Datasheet(PDF) 2 Page - Tyco Electronics

Part # MA46
Description  Surface Mount GaAs Tuning Varactors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MA46 Datasheet(HTML) 2 Page - Tyco Electronics

  MA46 Datasheet HTML 1Page - Tyco Electronics MA46 Datasheet HTML 2Page - Tyco Electronics MA46 Datasheet HTML 3Page - Tyco Electronics MA46 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Surface Mount GaAs Tuning Varactors
MA46 Series
V3.00
M/A-COM, Inc.
North America:
Tel. (800) 366-2266
s
Asia/Pacific: Tel. +81 3 3263 8761
s
Europe: Tel. +44 (1344) 869 595
Fax (800) 618-8883
Fax +81 3 3263 8769
Fax +44 (1344) 300 020
2
Specifications Subject to Change Without Notice.
Electrical Specifications @ 25°C
Gamma 0.5 Abrupt Tuning Varactors
Breakdown Voltage @ 10 µA = 30 V minimum
Reverse Current @ 24 V = 100 nA maximum
Gamma = 0.48 - 0.50, V
R = 0 to 30 V
Electrical Specifications @ 25°C
Gamma 0.75 Hyperabrupt Tuning Varactors
Breakdown Voltage @ 10 µA = 20 V minimum
Reverse Current @ 16 V = 100 nA maximum
Gamma = 0.68 - 0.83, V
R = 0 to 20 V
Absolute Maximum Ratings @ 25°C
CAPACITANCE vs REVERSE VOLTAGE
Parameter
Case 1056
Case 1088
Operating Temperature
-65°C to +150°C
-65°C to +125°C
Storage Temperature
-65°C to +200°C
-65°C to +125°C
Reverse Voltage
Breakdown Voltage
Forward Current
50 mA @ 25°C
Power Dissipation
50 mW @ +25°C, derate linearly to 0 mW
at maximum operating temperature
Nominal
Total
Total
Model
Capacitance
Capacitance
Typical
Number
(pF)
Ratio (C
T0/CT30)Q
f=1 MHz
f=1 MHz
f=50 MHz
V
R=4 Volts
V
R=0/VR=30
V
R=4 Volts
MA46504
0.5 - 0.7
2.1
6000
MA46505
0.9 - 1.1
2.8
5700
MA46506
2.7 - 3.3
3.4
4500
Nominal
Total
Total
Model
Capacitance
Capacitance
Typical
Number
(pF)
Ratio (C
T0/CT20)Q
f = 1 MHz
f = 1 MHz
f = 50 MHz
V
R = 4 Volts
V
R = 0/VR=20
V
R = 4 Volts
MA46H070
0.5 - 0.7
5.5
4500
MA46H071
0.9 - 1.1
6.4
4500
MA46H072
2.7 - 3.3
7.5
3000
MA46H073
4.5 - 5.5
7.5
2200
REVERSE VOLTAGE (VOLTS)
.1
10
1
100
100
10
1
0.1
MA46506
MA46505
MA46504
Typical Performance Curves
CAPACITANCE vs REVERSE VOLTAGE



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com