Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFX Datasheet(PDF) 21 Page - RMT Ltd.

Part # HFX
Description  Operating Manual
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RMT [RMT Ltd.]
Direct Link  http://www.rmtltd.ru
Logo RMT - RMT Ltd.

HFX Datasheet(HTML) 21 Page - RMT Ltd.

Back Button HFX Datasheet HTML 17Page - RMT Ltd. HFX Datasheet HTML 18Page - RMT Ltd. HFX Datasheet HTML 19Page - RMT Ltd. HFX Datasheet HTML 20Page - RMT Ltd. HFX Datasheet HTML 21Page - RMT Ltd. HFX Datasheet HTML 22Page - RMT Ltd. HFX Datasheet HTML 23Page - RMT Ltd. HFX Datasheet HTML 24Page - RMT Ltd. HFX Datasheet HTML 25Page - RMT Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
OPERATING MANUAL. HFX SERIES
Page 21 of 36
8.
DATA ANALYSIS
This section contains the basic analysis methods needed to interpret data
from the HFX and HFX Heat Flux Sensors. All the information necessary for
it can be found in the following documents:
-
Specifications. The Specification is delivered with every Heat Flux
Sensor for R&D Applications. It contains the Sensor sensitivity Se0
[V/(W/m
2)] and integral sensitivity Sa
0 [V/W] at calibration
“standard” temperature T0, and all correction factors that are
needed to increase accuracy of the results.
-
Datasheet. The datasheet provides an overview for all technical
parameters of HFX Heat Flux Sensor. It also states the Sensor area,
which is necessary for calculating heat flux.
8.1 Temperature corrections
The sensitivity of the thermoelectric Heat Flux Sensors depends on the
temperature at which they are used. For thermoelectric Heat Flux Sensors
of the HFX series averaged temperature dependence of 0.25%/°C is given
in the Specifications and Datasheets (Table 9.1). The standard calibrated
Sensitivity is given in the specification at temperature 300K (27°C) which is
selected as “standard”.
Thus, if using the Sensors at temperatures below or above 300K (27°C),
with every degree of Centigrade accuracy becomes worse by 0.2-0.25% per
degree.
For temperature range close to the “standard” temperature, i.e. +/-1 °C,
the inaccuracy of the measurements in the general case is negligible –
about ±1%.
But for a wider range of temperatures and for precise measurements the
temperature corrections are recommended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com