Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFX Datasheet(PDF) 13 Page - RMT Ltd.

Part # HFX
Description  Operating Manual
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RMT [RMT Ltd.]
Direct Link  http://www.rmtltd.ru
Logo RMT - RMT Ltd.

HFX Datasheet(HTML) 13 Page - RMT Ltd.

Back Button HFX Datasheet HTML 9Page - RMT Ltd. HFX Datasheet HTML 10Page - RMT Ltd. HFX Datasheet HTML 11Page - RMT Ltd. HFX Datasheet HTML 12Page - RMT Ltd. HFX Datasheet HTML 13Page - RMT Ltd. HFX Datasheet HTML 14Page - RMT Ltd. HFX Datasheet HTML 15Page - RMT Ltd. HFX Datasheet HTML 16Page - RMT Ltd. HFX Datasheet HTML 17Page - RMT Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
OPERATING MANUAL. HFX SERIES
Page 13 of 36
Checking of the Figure-of-Merit requires a special device – Z-Meter.
DX8140 Datalogger. It has a special function of Figure-of-Merit checking.
Contact RMT for the devices and checking. And visit RMT website for more
literature on checking of Figure-of-Merit of thermoelectric modules -
http://rmtltd.ru/technology/publications/.
The specification of every Sensor contains Z measured at vendor factory
before shipment.
5.3 Checking of Sensor behavior
Connect the Sensor to a voltmeter (resolution preferably in the 0.1mV
range). Place the Sensor on a metallic surface at room temperature. When
touching the Sensor with a warm finger on the upper surface, you should
get a signal in the mV range.
A Sensor signal below 0.1 mV indicates a short circuit. Check whether the
resistance of the Sensor is > 0.1 ohm as described above.
If the signal randomly fluctuates between a positive and negative signal, or
the voltage is in the +/- 1 V range, you may have an open circuit. Check the
connection of your electrical probes.
If the signal shows one of the three described features above, the Sensor is
not functional and has to be replaced.
In this case, please contact the vendor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com