Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT4532 Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT4532
Description  High Efficiency Backlight LED Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT4532 Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT4532 Datasheet HTML 1Page - Richtek Technology Corporation RT4532 Datasheet HTML 2Page - Richtek Technology Corporation RT4532 Datasheet HTML 3Page - Richtek Technology Corporation RT4532 Datasheet HTML 4Page - Richtek Technology Corporation RT4532 Datasheet HTML 5Page - Richtek Technology Corporation RT4532 Datasheet HTML 6Page - Richtek Technology Corporation RT4532 Datasheet HTML 7Page - Richtek Technology Corporation RT4532 Datasheet HTML 8Page - Richtek Technology Corporation RT4532 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
RT4532
®
DS4532-00 May 2015
www.richtek.com
1
©
Copyright 2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Simplified Application Circuit
High Efficiency Backlight LED Driver
General Description
The RT4532 is a high-efficiency LED driver for backlight
applications. An asynchronous boost converter with an
internal Schottky diode and a current source driver are
designed to support 6LED/channel with wide input voltage
range from 2.5V to 5.5V.
An I2C interface can provide easy backlight control in fast
and high speed mode. The RT4532 supports linear
mappings with 256 steps to setup the brightness of
backlight LEDs. It also supports PWM dimming to adjust
the brightness.
The RT4532 provides complete protection functions such
as input under-voltage lockout, over-current, output over-
voltage and over-temperature protection. The OVP
threshold voltage can be set at 16V and 24V for different
applications. The RT4532 is available in the
WL-CSP-10B 0.87x2.07 package.
Features
Input Voltage Range : 2.5V to 5.5V
Internal Schottky Diode
Fast-speed mode I2C Compatible Interface
Drive Up to 6 WLEDs in 4 String
External PWM Brightness Control
550k/1.1MHz Switching Frequency
Built-in Internal Soft-Start
I2C Programmable 256 Steps Linear Current
Regulation
Up to 85% Efficiency with Small Magnetics
Programmable 16V/24V OVP
Current Accuracy
±±±±±5% and Current Balance ±±±±±3%
UVLO, OVP, OCP, OTP Protection
Shutdown Current : < 1
μμμμμA
Temperature Range :
−−−−−40°°°°°C to 85°°°°°C
Applications
Cellular Phones
Digital Cameras
PDAs and Smart Phones
Portable Instruments
Ordering Information
Note :
Richtek products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
RT4532
Package Type
WSC : WL-CSP-10B 0.87x2.07 (BSC)
EN
VOUT
VIN
L
RT4532
LX
VIN
FB1
FB2
COUT
VOUT
CIN
PWM
SCL
SDA
Enable
GND
x 6


Similar Part No. - RT4532

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT4532 RICHTEK-RT4532 Datasheet
204Kb / 12P
High Efficiency Backlight LED Driver
RT4532WSC RICHTEK-RT4532WSC Datasheet
204Kb / 12P
High Efficiency Backlight LED Driver
RT4532 RICHTEK-RT4532_15 Datasheet
204Kb / 12P
High Efficiency Backlight LED Driver
More results

Similar Description - RT4532

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP8545 TI1-LP8545 Datasheet
623Kb / 40P
High-Efficiency LED Backlight Driver for Notebooks
LP8550 TI1-LP8550 Datasheet
188Kb / 6P
High-Efficiency LED Backlight Driver for Notebooks
LP8551 TI1-LP8551 Datasheet
186Kb / 6P
High-Efficiency LED Backlight Driver for Notebooks
LP8552 TI1-LP8552 Datasheet
571Kb / 39P
High-Efficiency LED Backlight Driver for Notebooks
LP8553 TI1-LP8553 Datasheet
614Kb / 40P
High-Efficiency LED Backlight Driver for Notebooks
LP8556 TI-LP8556 Datasheet
1Mb / 52P
High-Efficiency LED Backlight Driver for Tablets
LP8556 TI1-LP8556_16 Datasheet
1Mb / 63P
High-Efficiency LED Backlight Driver for Tablets
logo
Richtek Technology Corp...
RT4532 RICHTEK-RT4532_15 Datasheet
204Kb / 12P
High Efficiency Backlight LED Driver
logo
Kinetic Technologies.
KTD3133 KINETIC-KTD3133 Datasheet
1,019Kb / 24P
High Efficiency 2-Channel LED Backlight Driver
October 2018 - Revision 04b
KTD3136 KINETIC-KTD3136 Datasheet
1Mb / 24P
High Efficiency 3-Channel LED Backlight Driver
April 2019 - Revision 04a
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com