Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT4532 Datasheet(PDF) 3 Page - Richtek Technology Corporation

Part # RT4532
Description  High Efficiency Backlight LED Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT4532 Datasheet(HTML) 3 Page - Richtek Technology Corporation

  RT4532 Datasheet HTML 1Page - Richtek Technology Corporation RT4532 Datasheet HTML 2Page - Richtek Technology Corporation RT4532 Datasheet HTML 3Page - Richtek Technology Corporation RT4532 Datasheet HTML 4Page - Richtek Technology Corporation RT4532 Datasheet HTML 5Page - Richtek Technology Corporation RT4532 Datasheet HTML 6Page - Richtek Technology Corporation RT4532 Datasheet HTML 7Page - Richtek Technology Corporation RT4532 Datasheet HTML 8Page - Richtek Technology Corporation RT4532 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
RT4532
DS4532-00 May 2015
www.richtek.com
©
Copyright 2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Function Block Diagram
PWM
Current
Source Gen.
PWM
Logic
Digital
Control
EA
VSLOPE
PWM2DC
VREF
VFB
VOUT
LX
FB1
FB2
GND
SCL
SDA
EN
VIN
+
-
OCP
OVP
OTP
LEDs
Operation
The RT4532 is a high efficiency solution with 24 WLEDs
in 4 parallels 6 series for backlight applications. The
RT4532 optimizes the feedback regulation voltage to
provide up to 85% high efficiency with as high as 8bits
resolution application.
Linear Brightness Dimming
The RT4532 is built-in a I2C 8-bit resolution brightness
control with maximum 20mA/40mA selection.
Reg0x02<3> corresponds to full-scale LED current control.
Reg0x04 sets 8bits resolution brightness dimming.
PWM Brightness Dimming
Besides programmable built-in I2C backlight LED current
control, the RT4532 features a built-in PWM dimming
current control by setting Reg0x02<6> to 1, offering a
linear current dimming by external clock source. In order
to guarantee the PWM dimming resolution, recommending
dimming frequency have to be operated at range of 400Hz
to 20kHz.
OCP Protection
The RT4532 features a 1.2A current limitation. Once
detecting current level over current limitation, the RT4532's
LX witching will be forced off to avoid large current damage.
OTP Protection
The over-temperature protection function will be latched
at shutdown status when the junction temperature
exceeds 140
°C for 2ms. After re-power on sequence, the
converter will automatically resume switching.
OVP Protection
The over-voltage protection function monitors the output
voltage via the VOUT pin voltage. The OVP threshold
voltage is 24V/16V by selecting Reg0x02<7>. Once the
LED is open, the output voltage reaches the OVP
threshold, the driver will be shut down.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com