Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT7310 Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT7310
Description  Phase-Cut Dimmable Primary-Side Regulation
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT7310 Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT7310 Datasheet HTML 1Page - Richtek Technology Corporation RT7310 Datasheet HTML 2Page - Richtek Technology Corporation RT7310 Datasheet HTML 3Page - Richtek Technology Corporation RT7310 Datasheet HTML 4Page - Richtek Technology Corporation RT7310 Datasheet HTML 5Page - Richtek Technology Corporation RT7310 Datasheet HTML 6Page - Richtek Technology Corporation RT7310 Datasheet HTML 7Page - Richtek Technology Corporation RT7310 Datasheet HTML 8Page - Richtek Technology Corporation RT7310 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
RT7310
Copyright © 2014 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS7310-00
October
2014
www.richtek.com
1
Phase-Cut Dimmable Primary-Side Regulation
LED Driver Controller with Active PFC
General Description
The RT7310 is a high power factor constant current
LED driver which is optimized for the compatibility with
phase-cut dimmers. It supports high power factor
across a wide range of line voltages, and it drives the
converter in the Quasi-Resonant (QR) mode to achieve
higher efficiency. By using Primary Side Regulation
(PSR), RT7310 controls the output current accurately
without a shunt regulator and an opto-coupler at the
secondary side, reducing the external component count,
the cost, and the volume of the driver board.
The RT7310 supports phase-cut dimmers, including
leading-edge (TRIAC) and trailing-edge dimmers.
RT7310 embeds comprehensive protection functions for
robust designs, including LED open circuit protection,
LED short circuit protection, output diode short-circuit
protection, VDD Under-Voltage Lockout (UVLO), VDD
Over-Voltage
Protection
(OVP),
Over-Temperature
Protection (OTP), and cycle-by-cycle current limitation.
Features
Supporting Phase-Cut Dimmers
Tight LED Current Regulation
No Opto-Coupler and TL431 Required
Power Factor Correction (PFC)
Quasi-Resonant
Maximum/Minimum Switching Frequency
Clamping
Maximum/Minimum On-Time Limitation
Wide VDD Range (up to 25V)
Multiple Protection Features :
LED Open-Circuit Protection
LED Short-Circuit Protection
Output Diode Short-Circuit Protection
VDD Under-Voltage Lockout
VDD Over-Voltage Protection
Over-Temperature Protection
Cycle-by-Cycle Current Limitation
Application
 Phase-Cut Dimmable LED luminaries
Simplified Application Circuit
Flyback Converter
VOUT+
GD
CS
VDD
RT7310
VOUT-
DOUT
TX1
RPC
RCS
DAUX
CVDD
RZCD1
RZCD2
ZCD
RST1
CM
BD
COUT
COMP
CCOMP
GND
Q1
Q2
DST
DZ
RDMR2
CDMR
Line
Neutral
CX
L1
RDMR1
NS
NP
NA
Tapped-Inductor Buck-Boost Converter
VOUT-
VOUT+
DOUT
COUT
GD
CS
VDD
RT7310
TX1
RPC
RCS
DAUX
CVDD
RZCD1
RZCD2
ZCD
RST1
CM
BD
COMP
CCOMP
GND
Q1
Q2
DST
DZ
RDMR2
CDMR
Line
Neutral
CX
L1
RDMR1
N1
N3
N2


Similar Part No. - RT7310

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT7302 RICHTEK-RT7302 Datasheet
275Kb / 15P
Primary-Side-Regulation Dimmable LED Driver Controller
RT7302GS RICHTEK-RT7302GS Datasheet
275Kb / 15P
Primary-Side-Regulation Dimmable LED Driver Controller
RT7304 RICHTEK-RT7304 Datasheet
273Kb / 14P
Primary-Side-Regulation LED Driver Controller with Active PFC
RT7304A RICHTEK-RT7304A Datasheet
711Kb / 16P
Primary-Side Regulation LED Driver Controller
RT7304AGE RICHTEK-RT7304AGE Datasheet
711Kb / 16P
Primary-Side Regulation LED Driver Controller
More results

Similar Description - RT7310

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN103 FAIRCHILD-FAN103 Datasheet
952Kb / 16P
Primary-Side-Regulation PWM Controller
logo
Texas Instruments
SLUU937 TI1-SLUU937 Datasheet
1Mb / 26P
a Phase-Dimmable, Primary-Side Regulated LED Driver
logo
BCD Semiconductor Manuf...
AP1681 BCDSEMI-AP1681 Datasheet
346Kb / 13P
Off-line Primary Side Regulation Controller for Dimmable LED Driver
logo
Active-Semi, Inc
ACT411 ACTIVE-SEMI-ACT411_14 Datasheet
301Kb / 16P
Patented Primary Side Regulation Technology
Rev 4, 27-Feb-14
logo
Intersil Corporation
ISL1904FAZ INTERSIL-ISL1904FAZ Datasheet
623Kb / 21P
Dimmable AC Mains LED Driver with PFC and Primary Side Regulation
September 20, 2012
logo
Diodes Incorporated
AP1690 DIODES-AP1690 Datasheet
388Kb / 9P
SINGLE STAGE PRIMARY SIDE REGULATION PFC CONTROLLER FOR DIMMABLE LED DRIVER
Rev 2
logo
Richtek Technology Corp...
RT7302 RICHTEK-RT7302 Datasheet
275Kb / 15P
Primary-Side-Regulation Dimmable LED Driver Controller
RT8402 RICHTEK-RT8402 Datasheet
554Kb / 13P
Phase-Cut Dimmable High Side Buck LED Driver
logo
ON Semiconductor
FL663 ONSEMI-FL663 Datasheet
406Kb / 15P
Primary-Side-Regulation PWM Controller
June 2015 Rev. 1.0
logo
Renesas Technology Corp
ISL1904 RENESAS-ISL1904 Datasheet
952Kb / 21P
Dimmable AC Mains LED Driver with PFC and Primary Side Regulation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com