Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT7310 Datasheet(PDF) 3 Page - Richtek Technology Corporation

Part # RT7310
Description  Phase-Cut Dimmable Primary-Side Regulation
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT7310 Datasheet(HTML) 3 Page - Richtek Technology Corporation

  RT7310 Datasheet HTML 1Page - Richtek Technology Corporation RT7310 Datasheet HTML 2Page - Richtek Technology Corporation RT7310 Datasheet HTML 3Page - Richtek Technology Corporation RT7310 Datasheet HTML 4Page - Richtek Technology Corporation RT7310 Datasheet HTML 5Page - Richtek Technology Corporation RT7310 Datasheet HTML 6Page - Richtek Technology Corporation RT7310 Datasheet HTML 7Page - Richtek Technology Corporation RT7310 Datasheet HTML 8Page - Richtek Technology Corporation RT7310 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
RT7310
Copyright © 2014 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS7310-00
October
2014
www.richtek.com
3
Function Block Diagram
COMP
GD
GND
13V
Gate
Driver
CS
ZCD
Output OVP
OTP
PWM
ICS
Clamping
Circuit
VCLAMP
Under-
Voltage
Lockout
(16V/9V)
VDD
Over-Voltage
Protection
UVLO
VDD OVP
VDD
PWM
Control
Logic
Valley
Detector
Valley Signal
Constant Current
with Phase-Cut
Dimming Control
Output
Over-Voltage
Protection
Over-
Temperature
Protection
Leading-
Edge
Blanking
Starter
RGD
Operation
Critical-Conduction Mode (CRM) with Constant
On-Time Control
Figure 1 shows a typical flyback converter with input
voltage (VIN). When main switch Q1 is turned on with
a fixed on-time (tON), the peak current (IL_PK) of the
magnetic inductor (Lm) can be calculated by the
following equation :
IN
L_PK
ON
m
V
It
L

DOUT
NP : NS
COUT
+
VOUT
-
ROUT
IOUT
Q1
IL
Lm
VIN
TX1
Figure 1. Typical Flyback Converter
If the input voltage is the output voltage of the
full-bridge
rectifier
with
sinusoidal
input
voltage
(VIN_PKsin()), the inductor peak current (IL_PK) can be
expressed as the following equation :
IN_PK
ON
L_PK
m
V
sin(
θ)t
I
L

When the converter operates in CRM with constant
on-time control, the envelope of the peak inductor
current will follow the input voltage waveform with
in-phase. Thus, high power factor can be achieved, as
shown in Figure 2.
IL_PK
IQ1_DS
Peak Inductor Current
MOSFET Current
VIN
Input Voltage
Iin_avg
IDOUT
Average Input Current
Output Diode Current
VQ1_GS MOSFET Gate Voltage
Figure 2. Inductor Current of CRM with Constant
On-Time Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com