Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MDS-189PIN Datasheet(PDF) 1 Page - Tyco Electronics

Part # MDS-189PIN
Description  High Level Termination Insensitive Mixer, 1 - 3500 MHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MDS-189PIN Datasheet(HTML) 1 Page - Tyco Electronics

  MDS-189PIN Datasheet HTML 1Page - Tyco Electronics MDS-189PIN Datasheet HTML 2Page - Tyco Electronics MDS-189PIN Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
High Level Termination Insensitive
Mixer, 1 - 3500 MHz
FP-2 (MD-189)
V 3.00
Features
n
Operates Over Full PCN/PCS/PHS/MSS Bands
n
Low Conversion Loss
n
Hermetic Flatpack Package
n
Intermodulation Ratio Insensitive to System
Mismatches
n
VSWR: < 2.0:1 Typical Midband
n
Isolation: 35 dB Typical Midband
n
High IIP3 (+28 dBm Typical 1 - 3500 MHz)
Description
M/A-COM’s MD-189 and MDS-189 are high level
termination insensitive mixers. These devices are packaged
in 8-lead flatpack and SMT packages. These mixers offer
consistent and repeatable flat intermodulation performance
and flat conversion loss with low spurious signal generation
independent of system mismatch from 1 to 3500 MHz. The
MD-189 and MDS-189 are ideally suited for RF/IF
communications applications requiring high intercept point
performance.
SF-1 (MDS-189)
Pin Configuration (MD-189)
Pin No.
Function
Pin No.
Function
1
GND
5
LO
2
GND
6
GND
3
GND
7
GND
4
IF
8
RF
Pin Configuration (MDS-189)
Pin No.
Function
Pin No.
Function
1
GND
3
LO
2
IF
4
RF
Absolute Maximum Ratings
1
1. Operation of this device above any one of these
parameters may cause permanent damage.
2. Ambient Temperature (TA) = +25°C
Parameter
Absolute Maximum
Max Input Power
2
Total Power
0.5W Derated to 85°C
@ 3.2 mW/°C
LO Power
+27 dBm


Similar Part No. - MDS-189PIN

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MDS-189PIN MACOM-MDS-189PIN Datasheet
155Kb / 3P
High Level Termination Insensitive Mixer, 1 - 3500 MHz
More results

Similar Description - MDS-189PIN

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MD-160 MACOM-MD-160 Datasheet
215Kb / 3P
Termination-Insensitive Mixer, 1 - 1500 MHz
logo
List of Unclassifed Man...
DBM-701S ETC1-DBM-701S Datasheet
113Kb / 2P
High Level SMA Connectorized Double Balanced Mixer Mismatch Insensitive 1-3500 MHz
DBM-700H ETC2-DBM-700H Datasheet
2Mb / 2P
High Level Subminiature Mismatch Insensitive Flatpack Double Balanced Mixer 1-3500 MHz
logo
Tyco Electronics
MD-179 MACOM-MD-179 Datasheet
225Kb / 3P
Termination Insensitive Mixer, 1 - 4000 MHz
MD-M189 MACOM-MD-M189 Datasheet
155Kb / 3P
High Level Termination Insensitive Mixer, 1 - 3500 MHz
logo
SIRENZA MICRODEVICES
DBM-700 SIRENZA-DBM-700 Datasheet
113Kb / 2P
High Level Subminiature Mismatch Insensitive Flatback double Balanced Mixer 1-3500 MHz
logo
M/A-COM Technology Solu...
MD-160 MA-COM-MD-160 Datasheet
80Kb / 3P
Termination Insensitive Mixer, 1 - 1500 MHz
MD-189 MA-COM-MD-189 Datasheet
91Kb / 3P
High Level Termination Insensitive Mixer, 1 - 3500 MHz
MD_MDS-189 MA-COM-MD_MDS-189 Datasheet
91Kb / 3P
High Level Termination Insensitive Mixer
MD-MDS-189 MA-COM-MD-MDS-189_15 Datasheet
91Kb / 3P
High Level Termination Insensitive Mixer
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com