Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9069 Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT9069
Description  The RT9069 is a low-dropout
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9069 Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT9069 Datasheet HTML 1Page - Richtek Technology Corporation RT9069 Datasheet HTML 2Page - Richtek Technology Corporation RT9069 Datasheet HTML 3Page - Richtek Technology Corporation RT9069 Datasheet HTML 4Page - Richtek Technology Corporation RT9069 Datasheet HTML 5Page - Richtek Technology Corporation RT9069 Datasheet HTML 6Page - Richtek Technology Corporation RT9069 Datasheet HTML 7Page - Richtek Technology Corporation RT9069 Datasheet HTML 8Page - Richtek Technology Corporation RT9069 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
RT9069
Copyright © 2014 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS9069-02
April
2015
www.richtek.com
1
36V, 2
A IQ, 200mA Low Dropout Voltage Linear Regulator
General Description
The RT9069 is a low-dropout (LDO) voltage regulators
with enable function offering the benefits of high input
voltage, low-dropout voltage, low-power consumption,
and miniaturized packaging.
The features of low quiescent current as low as 2
A
and zero disable current is ideal for powering the
battery equipment to a longer service life. The RT9069
is stable with the ceramic output capacitor over its wide
input range from 3.5V to 36V and the entire range of
output load current (0mA to 200mA).
Applications
Portable, Battery Powered Equipments
Extra Low Voltage Microcontrollers
Notebook Computers
Marking Information
For marking information, contact our sales representative
directly or through a Richtek distributor located in your
area.
Note :
Richtek products are :
RoHS compliant and compatible with the current
requirements of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
Simplified Application Circuit
Features
2
A Ground Current at no Load
±2% Output Accuracy
200mA Output Current with EN
Zero Disable Current
Maximum Operating Input Voltage 36V
Dropout Voltage: 0.33V at 10mA/ VIN 5V
Support Fixed Output Voltage 2.5V, 3.3V, 5V, 9V,
12V
Stable with Ceramic or Tantalum Capacitor
Current Limit Protection
Over-Temperature Protection
RoHS Compliant and Halogen Free
Ordering Information
Package Type
SP : SOP-8 (Exposed Pad-Option 1)
B : SOT-23-5
X5 : SOT-89-5
QU : UDFN-6L 1.6x1.6 (U-type)
RT9069-
Lead Plating System
G : Green (Halogen Free and Pb Free)
Output Voltage
25 : 2.5V
30 : 3V
33 : 3.3V
50 : 5V
90: 9V
C0: 12V
Special Request: Any Voltage
between 2.5V and 12V under
specific business agreement
VCC
EN
VOUT
GND
COUT
CIN
VOUT
RT9069
VIN


Similar Part No. - RT9069

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9065 RICHTEK-RT9065 Datasheet
138Kb / 11P
500mA, Low Dropout, Low Noise, Ultra-Fast Linear Regulator
May 2020
RT9065GE RICHTEK-RT9065GE Datasheet
138Kb / 11P
500mA, Low Dropout, Low Noise, Ultra-Fast Linear Regulator
May 2020
More results

Similar Description - RT9069

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL8528 BELLING-BL8528 Datasheet
633Kb / 8P
The BL8528 is a synchronous
logo
Texas Instruments
LM1085 TI-LM1085 Datasheet
2Mb / 22P
The LM1085 is a series of low dropout positive voltage regulators with a maximum dropout of 1.5V at 3A of load current.
LM1117-N TI-LM1117-N Datasheet
2Mb / 32P
The LM1117-N is a series of low dropout voltage regulators with a dropout of 1.2V at 800mA of load current.
logo
STMicroelectronics
AN1441 STMICROELECTRONICS-AN1441 Datasheet
381Kb / 13P
The ST890 is a low voltage
22-Apr-2009
AN4392 STMICROELECTRONICS-AN4392 Datasheet
1Mb / 17P
The BlueNRG is a very low power Bluetooth low energy
24-Jan-2014
logo
Richtek Technology Corp...
RT9073 RICHTEK-RT9073 Datasheet
246Kb / 14P
The RT9073 is a low-dropout
RT9073A RICHTEK-RT9073A Datasheet
265Kb / 13P
The RT9073A is a low-dropout
RT9167B RICHTEK-RT9167B Datasheet
206Kb / 10P
The RT9167B is a 300mA low dropout and low noise
logo
Maxim Integrated Produc...
MAXREFDES117 MAXIM-MAXREFDES117 Datasheet
451Kb / 10P
The MAXREFDES117# reference design is a low power
8/17/2016
logo
Anaren Microwave
1M710S ANAREN-1M710S Datasheet
175Kb / 3P
The 1M710 Micro Xinger is a low profile
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com