Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9069 Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT9069
Description  The RT9069 is a low-dropout
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9069 Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT9069 Datasheet HTML 1Page - Richtek Technology Corporation RT9069 Datasheet HTML 2Page - Richtek Technology Corporation RT9069 Datasheet HTML 3Page - Richtek Technology Corporation RT9069 Datasheet HTML 4Page - Richtek Technology Corporation RT9069 Datasheet HTML 5Page - Richtek Technology Corporation RT9069 Datasheet HTML 6Page - Richtek Technology Corporation RT9069 Datasheet HTML 7Page - Richtek Technology Corporation RT9069 Datasheet HTML 8Page - Richtek Technology Corporation RT9069 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
RT9069
Copyright © 2014 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
www.richtek.com
DS9069-02
April
2015
2
Pin Configurations
(TOP VIEW)
VCC
NC
VOUT
NC
EN
GND
NC
NC
GND
2
3
4
5
6
7
8
9
VCC GND NC
VOUT
EN
4
2
3
5
VOUT
GND
EN
2
3
4
5
1
VCC
NC
VCC
NC
GND
NC
EN
VOUT
5
4
1
2
3
6
7
SOP-8 (Exposed Pad)
SOT-23-5
SOT-89-5
UDFN-6L 1.6x1.6
Functional Pin Description
Pin No.
Pin Name
Pin Function
SOP-8
(Exposed Pad)
SOT-23-5 SOT-89-5
UDFN-6L
1.6x1.6
1
1
5
1
VCC
Supply Voltage Input.
2, 4, 5, 6
3
4
2, 5
NC
No Internal Connection.
3
5
1
3
VOUT
Output of the Regulator.
7,
9 (Exposed Pad)
2
2
6,
7 (Exposed Pad)
GND
Ground. The exposed pad must be
soldered to a large PCB and connected
to GND for maximum thermal dissipation.
8
4
3
4
EN
Enable Control Input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com