Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9480 Datasheet(PDF) 5 Page - Richtek Technology Corporation

Part # RT9480
Description  Easy to Use Power Bank Solution
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9480 Datasheet(HTML) 5 Page - Richtek Technology Corporation

  RT9480 Datasheet HTML 1Page - Richtek Technology Corporation RT9480 Datasheet HTML 2Page - Richtek Technology Corporation RT9480 Datasheet HTML 3Page - Richtek Technology Corporation RT9480 Datasheet HTML 4Page - Richtek Technology Corporation RT9480 Datasheet HTML 5Page - Richtek Technology Corporation RT9480 Datasheet HTML 6Page - Richtek Technology Corporation RT9480 Datasheet HTML 7Page - Richtek Technology Corporation RT9480 Datasheet HTML 8Page - Richtek Technology Corporation RT9480 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
RT9480
5
DS9480-04
December 2014
www.richtek.com
©
Copyright
2014 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Operation
The RT9480 is a high integrated IC for Li-Ion battery power
bank. It includes a linear charger 1.2A, a synchronous
Boost 5.1V, two output load management, LED indicator
and torch function.
Change Current
Base on thermal regulation function, the charging current
can support up to 1.2A.
VBUS OVP
If the input voltage (VBUS) is higher than the threshold
voltage VOVP, the internal OVP signal will go high and the
charger will stop charging until VIN is below VOVP
− ΔVOVP.
VMID OVP
If the internal voltage (VMID) is higher than the threshold
voltage VOVP, the internal OVP signal will go high and the
charger will stop charging until VMID is below
VOVP
−ΔVOVP.
OCP
The converter senses the current signal when the high-
side P-MOSFET turns on. As a result, The OCP is cycle
by-cycle current limitation. If the OCP occurs, the converter
holds off the next on pulse until inductor current drops
below the OCP limit.
OTP
The converter has an over-temperature protection. When
the junction temperature is higher than the thermal
shutdown rising threshold, the system will be latched and
the output voltage will no longer be regulated until the
junction temperature drops under the falling threshold.
Output Short Protection
When output short to ground, the system will be latched
and the output voltage will no longer be regulated until
power reset.
CC/CV/TR Multi Loop Controller
There are constant current loop, constant voltage loop and
thermal regulation loop to control the charging current.
Too Hot or Too Cold
The temperature sense input TS pin can be connected a
thermistor to determine whether the battery is too hot or
too cold for charging operation. If the battery's temperature
is out of range, charging is paused until it re-enters the
valid range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com