Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9480 Datasheet(PDF) 10 Page - Richtek Technology Corporation

Part # RT9480
Description  Easy to Use Power Bank Solution
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9480 Datasheet(HTML) 10 Page - Richtek Technology Corporation

Back Button RT9480 Datasheet HTML 6Page - Richtek Technology Corporation RT9480 Datasheet HTML 7Page - Richtek Technology Corporation RT9480 Datasheet HTML 8Page - Richtek Technology Corporation RT9480 Datasheet HTML 9Page - Richtek Technology Corporation RT9480 Datasheet HTML 10Page - Richtek Technology Corporation RT9480 Datasheet HTML 11Page - Richtek Technology Corporation RT9480 Datasheet HTML 12Page - Richtek Technology Corporation RT9480 Datasheet HTML 13Page - Richtek Technology Corporation RT9480 Datasheet HTML 14Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
RT9480
10
DS9480-04
December 2014
www.richtek.com
©
Copyright
2014 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
USBOUT Efficiency vs. Load Current
0
10
20
30
40
50
60
70
80
90
100
0
500
1000
1500
2000
2500
Load Current (mA)
USBOUT = 5.1V, L = 1
μH, COUT = 1μF
VBAT = 3.9V
VBAT = 3.7V
VBAT = 3.3V
Typical Operating Characteristics
USBOUT Voltage vs. Temperature
4.5
4.6
4.7
4.8
4.9
5.0
5.1
5.2
5.3
5.4
5.5
-50
-25
0
25
50
75
100
125
Temperature (°C)
USBOUT = 5.1V
VBAT = 3.3V
VBAT = 3.7V
VBAT = 3.9V
USBOUT Voltage vs. Load Current
3.0
3.5
4.0
4.5
5.0
5.5
6.0
0
500
1000
1500
2000
2500
Load Current (mA)
USBOUT = 5.1V
VBAT = 3.3V
VBAT = 3.7V
VBAT = 3.9V
Battery Regulation Voltage vs. Temperature
4.10
4.13
4.16
4.19
4.22
4.25
-50
-25
0
25
50
75
100
125
Temperature (°C)
VIN = 5V, VBAT = Real Battery
105
°C
ICHG Thermal Regulation vs. Temperature
0
100
200
300
400
500
600
700
800
900
1000
1100
1200
1300
-50
-25
0
25
50
75
100
125
Temperature (°C)
VIN = 5V, VBAT = Real Battery
VBUS OVP Threshold Voltage vs. Temperature
6.0
6.2
6.4
6.6
6.8
7.0
7.2
-50
-25
0
25
50
75
100
125
Temperature (°C)
VBAT = Real Battery
Falling
Rising



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com