Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9705 Datasheet(PDF) 8 Page - Richtek Technology Corporation

Part # RT9705
Description  The RT9705 is a dual input single output power multiplexer
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9705 Datasheet(HTML) 8 Page - Richtek Technology Corporation

Back Button RT9705 Datasheet HTML 3Page - Richtek Technology Corporation RT9705 Datasheet HTML 4Page - Richtek Technology Corporation RT9705 Datasheet HTML 5Page - Richtek Technology Corporation RT9705 Datasheet HTML 6Page - Richtek Technology Corporation RT9705 Datasheet HTML 7Page - Richtek Technology Corporation RT9705 Datasheet HTML 8Page - Richtek Technology Corporation RT9705 Datasheet HTML 9Page - Richtek Technology Corporation RT9705 Datasheet HTML 10Page - Richtek Technology Corporation RT9705 Datasheet HTML 11Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
RT9705
8
DS9705-07 April 2011
www.richtek.com
Typical Operating Characteristics
RDS(ON) vs. Junction Temperature
40
50
60
70
80
90
100
110
120
-50
-25
0
25
50
75
100
125
Junction Temperature
D0 = 0, D1 = 1
VIN1 = 5V
(
°C)
Current Limit vs. Junction Temperature
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
-50
-25
0
25
50
75
100
125
Junction Temperature (°C)
D0 = 0, D1 = 1
VIN1 = 3.3V
RILIM = 400
Ω
Quiescent Current vs. Input Voltage
0
40
80
120
160
200
2.533.544.555.5
6
Input Voltage (V)
D0 = 0, D1 = 1
VIN1 = VIN2 = 2.8V
5.5V
IOUT = 0A
→
RDS(ON) vs. Input Voltage
60
65
70
75
80
85
90
2.533.5
44.5
55.5
6
Input Voltage (V)
D0 = 0, D1 = 1
VIN1 = 2.8V
5.5V
→
Output Turn-On Response
Time (1ms/Div)
D0
D1
VOUT
(2V/Div)
(2V/Div)
(2V/Div)
D0 = 1
0, D1 = 1, VIN1 = 5V, VIN2 = 3.3V
↔
Output Switchover Response
Time (1ms/Div)
D1
D0
VOUT
(2V/Div)
(2V/Div)
(2V/Div)
D0 = 0, D1 = 1
0
VIN1 = 5V, VIN2 = 3.3V
↔



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com