Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9705 Datasheet(PDF) 10 Page - Richtek Technology Corporation

Part # RT9705
Description  The RT9705 is a dual input single output power multiplexer
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9705 Datasheet(HTML) 10 Page - Richtek Technology Corporation

Back Button RT9705 Datasheet HTML 3Page - Richtek Technology Corporation RT9705 Datasheet HTML 4Page - Richtek Technology Corporation RT9705 Datasheet HTML 5Page - Richtek Technology Corporation RT9705 Datasheet HTML 6Page - Richtek Technology Corporation RT9705 Datasheet HTML 7Page - Richtek Technology Corporation RT9705 Datasheet HTML 8Page - Richtek Technology Corporation RT9705 Datasheet HTML 9Page - Richtek Technology Corporation RT9705 Datasheet HTML 10Page - Richtek Technology Corporation RT9705 Datasheet HTML 11Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
RT9705
10
DS9705-07 April 2011
www.richtek.com
Application Information
The RT9705 is dual input single output power multiplexer
specifically designed to provide seamless voltage transition
between two independent power suppliers. Equipped with
two low RDS(ON) N-MOSFETs driven by internal charge
pump circuitry, the RT9705 is able to deliver 1A output
current with only 80mV voltage drop. The RT9705 provides
comprehensive protection functions, including adjustable
current limit, over temperature protection, soft start function
for minimum inrush current, cross-conduction protection,
and reverse conduction protection. These features greatly
simplify power multiplexer design.
Manual Switching Mode
The RT9705 provides two logic input D0 and D1 for switch
selection as shown in Table 1. The RT9705 selects the
manual-switching mode when the D0 is pulled low. In this
mode VOUT connects to VIN1 if D1 pulled high, otherwise
VOUT connects to VIN2.
Auto Switching Mode
RT9705 selects the auto-switching mode when the D0 is
pulled high andD1 is pulled low. In this mode VOUT connects
to the higher of VIN1 and VIN2.
Shutdown Mode
When bothD0 andD1 are selected high, the RT9705 enters
shutdown mode and consumes minimum power. An
internal MOSFET with 2k
Ω RDS(ON) turns on and softly
discharges the output voltage in the shutdown mode. Since
no body diode exists between VINX and VOUT, output voltage
is allowed to be high than the input voltages in the shutdown
mode.
Switch Status Indication
A STAT pin with open drain output is provided to indicate
the switch status. STAT pin outputs high impedance if VIN2
is active, otherwise STAT pin outputs low.
Current Limiting
The current limit circuitry prevents damage to the MOSFET
switch and external load. A resistor RILIM from ILIM to GND
sets the current limit to 500/R ILIM and the adjustable current
limiting up to 1.25A. A setting resistor RILIM equal to zero
is not recommended as that disables current limiting.
Thermal Considerations
Thermal protection limits power dissipation in RT9705.
When the operation junction temperature exceeds 135
°C,
the OTP circuit starts the thermal shutdown function and
turns the pass element off. The pass element turn on again
after the junction temperature cools by 10
°C.
For continuous operation, do not exceed absolute
maximum operation junction temperature 125
°C. The
power dissipation definition in device is :
PD = (VIN-VOUT) x IOUT + VIN x IQ
The maximum power dissipation depends on the thermal
resistance of IC package, PCB layout, the rate of
surroundings airflow and temperature difference between
junction to ambient. The maximum power dissipation can
be calculated by following formula :
PD(MAX) = ( TJ(MAX) - TA ) /
θJA
where TJ(MAX) is the maximum operation junction
temperature 125
°C, TA is the ambient temperature and the
θJA is the junction to ambient thermal resistance.
For recommended operating conditions specification of
RT9705, where TJ(MAX) is the maximum junction
temperature of the die (125
°C) and TA is the maximum
ambient temperature. The junction to ambient thermal
resistance (
θJA is layout dependent) for TSSOP-8 package
is 230
°C/W on standard JEDEC 51-3 thermal test board.
The maximum power dissipation at TA = 25
°C can be
calculated by following formula :
PD(MAX) = (125
°C -25°C) / 230°C/W = 430mW (TSSOP-8)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com