Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJG1553F-R2 Datasheet(PDF) 18 Page - New Japan Radio

Part # NJG1553F-R2
Description  1.5ghZ/1.9ghZ mixer gAaS mmic
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJG1553F-R2 Datasheet(HTML) 18 Page - New Japan Radio

Back Button NJG1553F-R2 Datasheet HTML 13Page - New Japan Radio NJG1553F-R2 Datasheet HTML 14Page - New Japan Radio NJG1553F-R2 Datasheet HTML 15Page - New Japan Radio NJG1553F-R2 Datasheet HTML 16Page - New Japan Radio NJG1553F-R2 Datasheet HTML 17Page - New Japan Radio NJG1553F-R2 Datasheet HTML 18Page - New Japan Radio NJG1553F-R2 Datasheet HTML 19Page - New Japan Radio NJG1553F-R2 Datasheet HTML 20Page - New Japan Radio NJG1553F-R2 Datasheet HTML 21Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
NJG1553F
- 18 -
nAPPLICATION CIRCUIT 2
This circuit is purposed for improving input IP3 performance by setting mixer current to around
10mA by adding external resistance to BPC terminal.
Reference value
Application 1
IIP3=+4dBm
Application 2
IIP3=+5.1dBm
PARTS LIST
1.9GHz Band
Upper LOCAL
PART ID
fLO=2110MHz
fIF=210MHz
COMMENT
L1
4.7nH
TAIYO-YUDEN(HK1608)
L2
3.3nH
TAIYO-YUDEN(HK1608)
L3
6.8nH
TAIYO-YUDEN(HK1608)
L4
4.7nH
TAIYO-YUDEN(HK1608)
L5
3.9nH
TAIYO-YUDEN(HK1608)
L6
47nH
TAIYO-YUDEN(HK1608)
L7
27nH
TAIYO-YUDEN(HK1608)
C1
560pF
MURATA(GRM39)
C2
8pF
MURATA(GRM39)
C3
100pF
MURATA(GRM39)
C4
1000pF
MURATA(GRM39)
C5
1000pF
MURATA(GRM39)
C6
10pF
MURATA(GRM39)
C7
100pF
MURATA(GRM39)
C8
1000pF
MURATA(GRM39)
R1
240
TAMA Electronics(CRG16G)
R2
430
TAMA Electronics(CRG16G)
R3
82
TAMA Electronics(CRG16G)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com