Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXMC4559DN8TA Datasheet(PDF) 2 Page - Diodes Incorporated

Part # ZXMC4559DN8TA
Description  COMPLEMENTARY 60V ENHANCEMENT MODE MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXMC4559DN8TA Datasheet(HTML) 2 Page - Diodes Incorporated

  ZXMC4559DN8TA Datasheet HTML 1Page - Diodes Incorporated ZXMC4559DN8TA Datasheet HTML 2Page - Diodes Incorporated ZXMC4559DN8TA Datasheet HTML 3Page - Diodes Incorporated ZXMC4559DN8TA Datasheet HTML 4Page - Diodes Incorporated ZXMC4559DN8TA Datasheet HTML 5Page - Diodes Incorporated ZXMC4559DN8TA Datasheet HTML 6Page - Diodes Incorporated ZXMC4559DN8TA Datasheet HTML 7Page - Diodes Incorporated ZXMC4559DN8TA Datasheet HTML 8Page - Diodes Incorporated ZXMC4559DN8TA Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
ZXMC4559DN8
Document number: DS34498 Rev. 7- 2
2 of 11
www.diodes.com
March 2014
© Diodes Incorporated
ZXMC4559DN8
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value_Q2
Value_Q1
Units
Drain-Source Voltage
VDSS
60
-60
V
Gate-Source Voltage
VGSS
±20
±20
V
Continuous Drain Current VGS = 10V
SteadyState
(Note 5)
ID
3.6
-2.6
A
t<10s
(Note 6)
ID
4.7
-3.9
A
Maximum Body Diode Forward Current at t<10s (Note 6)
IS
3.4
-3.2
A
Pulsed Drain Current (300µs pulse, duty cycle = 2%)
IDM
22.2
-18.3
A
Pulsed Source Current (Body Diode) (300µs pulse, duty cycle = 2%)
ISM
22.2
-18.3
A
Thermal Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Units
Power Dissipation
Linear Derating Factor (Note 5)
PD
1.25
10
W
mW/°C
Power Dissipation
Linear Derating Factor (Note 6)
PD
2.1
17
W
mW/°C
Thermal Resistance, Junction to Ambient (Note 5)
RθJA
100
°C/W
Thermal Resistance, Junction to Ambient (Note 6)
RθJA
58
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com