Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF5840 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RF5840
Description  Mobile Devices
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5840 Datasheet(HTML) 3 Page - RF Micro Devices

  RF5840 Datasheet HTML 1Page - RF Micro Devices RF5840 Datasheet HTML 2Page - RF Micro Devices RF5840 Datasheet HTML 3Page - RF Micro Devices RF5840 Datasheet HTML 4Page - RF Micro Devices RF5840 Datasheet HTML 5Page - RF Micro Devices RF5840 Datasheet HTML 6Page - RF Micro Devices RF5840 Datasheet HTML 7Page - RF Micro Devices RF5840 Datasheet HTML 8Page - RF Micro Devices RF5840 Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3 of 9
RF5840
DS120516
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
*The SP3T Switch can be placed in simultaneous receive WiFi Bluetooth modes with increased insertion loss.
Pin Names and Description
Pin
Name
Description
1
C_TX
Control pin for Tx to ANT.
2ANT
Antenna port. Internally matched to 50
. External DC block required.
3VDD
Switch supply voltage. It is recommended to use a low frequency bypass capacitor to filter out noise.
4C_RX
Control pin for ANT to Rx.
5C_BT
Control pin for ANT to BT.
6BT
Bluetooth port. Internally matched to 50
. External DC block required.
7GND
Ground connection. Ground as close as possible to the package pin.
8RX_OUT
Receiver output port. Internally matched to 50
. External DC block.
9GND
Ground connection. Ground as close as possible to the package pin.
10
TX_IN
Transmit input port. Internally matched to 50
. External DC block required.
Switch Control Logic
Mode
C_TX
C_RX
C_BT
VDD
Comments
Tx-ANT
H
L
L
H
Tx Port to ANT Port
Rx-ANT
LHLH
Rx Port to ANT Port
BT-ANT
L
L
H
H
BT Port to ANT Port
Rx/BT-ANT*
L
H
H
H
Simultaneous Rx and BT to ANT Port
Off
L
L
L
L
Off Mode



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com