Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF5840 Datasheet(PDF) 9 Page - RF Micro Devices

Part # RF5840
Description  Mobile Devices
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5840 Datasheet(HTML) 9 Page - RF Micro Devices

  RF5840 Datasheet HTML 1Page - RF Micro Devices RF5840 Datasheet HTML 2Page - RF Micro Devices RF5840 Datasheet HTML 3Page - RF Micro Devices RF5840 Datasheet HTML 4Page - RF Micro Devices RF5840 Datasheet HTML 5Page - RF Micro Devices RF5840 Datasheet HTML 6Page - RF Micro Devices RF5840 Datasheet HTML 7Page - RF Micro Devices RF5840 Datasheet HTML 8Page - RF Micro Devices RF5840 Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
9 of 9
RF5840
DS120516
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
RF5840 Performance Plots
1.5
1.25
1
0.75
0.5
0.25
0
2400
2450
2500
FREQUENCY (MHz)
RF5840:TXANT InsertionLossversusFrequency
(C_TX=2.8V;C_RX=C_BT=0V;VDD =3.0V)
+25 C
30C
+85C
1.5
1.25
1
0.75
0.5
0.25
0
2400
2450
2500
FREQUENCY (MHz)
RF5840:ANTRX InsertionLossversusFrequency
(C_RX=2.8V;C_TX=C_BT=0V;VDD =3.0V)
+25 C
30C
+85C
1.5
1.25
1
0.75
0.5
0.25
0
2400
2450
2500
FREQUENCY (MHz)
RF5840:ANTBT InsertionLossversus Frequency
(C_BT=2.8V;C_TX=C_RX=0V; VDD =3.0V)
+25C
30C
+85C
28
26
24
22
20
2400
2450
2500
FREQUENCY (MHz)
RF5840:TXRXISOLATION versus Frequency
(C_TX=2.8V;C_RX=C_BT=0V;VDD =3.0V)
+25 C
30C
+85 C
24
23
22
21
20
2400
2450
2500
FREQUENCY (MHz)
RF5840:TXBT ISOLATION versus Frequency
(C_TX=2.8V;C_RX=C_BT=0V;VDD =3.0V)
+25C
30C
+85C
24
23
22
21
20
2400
2450
2500
FREQUENCY (MHz)
RF5840:RXBT ISOLATION versusFrequency
(C_RX=2.8V;C_TX=C_BT=0V;VDD =3.0V)
+25C
30C
+85C



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com