Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5124 Datasheet(PDF) 3 Page - ON Semiconductor

Part # CS5124
Description  PWM Controllers
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5124 Datasheet(HTML) 3 Page - ON Semiconductor

  CS5124 Datasheet HTML 1Page - ON Semiconductor CS5124 Datasheet HTML 2Page - ON Semiconductor CS5124 Datasheet HTML 3Page - ON Semiconductor CS5124 Datasheet HTML 4Page - ON Semiconductor CS5124 Datasheet HTML 5Page - ON Semiconductor CS5124 Datasheet HTML 6Page - ON Semiconductor CS5124 Datasheet HTML 7Page - ON Semiconductor CS5124 Datasheet HTML 8Page - ON Semiconductor CS5124 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
CS5124
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (−40°C ≤ TJ ≤ 125°C; −40°C ≤ TA ≤ 105°C, 7.60 V ≤ VCC ≤ 20 V, UVLO = 3.0 V,
ISENSE = 0 V, CV(CC) = 0.33 mF, CGATE = 1.0 nF (ESR = 10 W); CSS = 470 pF; CV(FB) = 100 pF, unless otherwise specified.)
Characteristic
Test Conditions
Min
Typ
Max
Unit
General
ICC Operating − VGATE not switching
10
13
mA
ICC at VCC Low
VCC = 6.0 V
500
750
mA
ICC Sleep
VUVL = 1.0 V
210
275
mA
Low VCC Lockout
VCC Turn−on Threshold Voltage
7.2
7.7
8.3
V
VCC Turn−off Threshold Voltage
6.8
7.3
7.8
V
VCC Hysteresis
350
425
500
mV
UVLO
Sleep Threshold Voltage
UVLO decreasing
1.5
1.8
2.3
V
Sleep Threshold Voltage
UVLO increasing
1.88
2.45
V
Sleep Hysteresis
35
85
150
mV
UVLO Turn−off Threshold Voltage
(Note 2)
2.3
2.45
2.6
V
UVLO Turn−on Threshold Voltage
(Note 2)
2.50
2.63
2.76
V
UVLO Hysteresis
Turn−on − Turn−off (−40°C ≤ TJ ≤ 100°C) (Note 2)
170
185
200
mV
UVLO Hysteresis
Turn−on − Turn−off (100°C ≤ TJ ≤ 125°C) (Note 2)
50
185
400
mV
UVLO Input Bias Current
−1.0
1.0
mA
UVLO Clamp
With UVLO sinking 1.0 mA
5.0
7.5
12
V
VCC Clamp and BIAS Pin
Connect an NFET as follows: BIAS = G, VCC = S, VIN = D.
VCC Clamp Voltage
36 V ≤ VIN ≤ 60 V, 200 nF ≤ CSS ≤ 500 nF,
R = 500 k
7.275
7.9
8.625
V
BIAS Minimum Voltage
Measure Voltage on BIAS with:
10 V ≤ VCC ≤ 20 V & 50 mA ≤ IBIAS ≤ 1.0 mA
1.6
2.8
4.0
V
BIAS Clamp
With BIAS pin sinking 1.0 mA
12
15
20
V
Difference between Regulated VCC
& VCC Turn−on Threshold Voltage
(VCC Clamp Voltage) − (VCC Turn−on Threshold)
100
mV
400 kHz Oscillator
Operating Frequency
360
400
440
kHz
Max Duty Cycle Clamp
80.0
82.5
85.0
%
Slope Compensation
15
21
26
mV/m
σ
2. Not tested in production. Specification is guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com