Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5124 Datasheet(PDF) 4 Page - ON Semiconductor

Part # CS5124
Description  PWM Controllers
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5124 Datasheet(HTML) 4 Page - ON Semiconductor

  CS5124 Datasheet HTML 1Page - ON Semiconductor CS5124 Datasheet HTML 2Page - ON Semiconductor CS5124 Datasheet HTML 3Page - ON Semiconductor CS5124 Datasheet HTML 4Page - ON Semiconductor CS5124 Datasheet HTML 5Page - ON Semiconductor CS5124 Datasheet HTML 6Page - ON Semiconductor CS5124 Datasheet HTML 7Page - ON Semiconductor CS5124 Datasheet HTML 8Page - ON Semiconductor CS5124 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
CS5124
http://onsemi.com
4
ELECTRICAL CHARACTERISTICS (continued) (−40°C ≤ TJ ≤ 125°C; −40°C ≤ TA ≤ 105°C, 7.60 V ≤ VCC ≤ 20 V, UVLO = 3.0 V,
ISENSE = 0 V, CV(CC) = 0.33 mF, CGATE = 1.0 nF (ESR = 10 W); CSS = 470 pF; CV(FB) = 100 pF, unless otherwise specified.)
Characteristic
Unit
Max
Typ
Min
Test Conditions
Soft−Start
Soft−Start Charge Current
7.0
10
13
mA
Soft−Start Discharge Current
0.5
10.0
mA
VSS Voltage when VFB Begins to
Rise
VFB = 300 mV
1.40
1.62
1.80
V
Peak Soft−Start Charge Voltage
4.7
4.9
V
Valley Soft−Start Discharge Voltage
200
275
400
mV
Current Sense
First Current Sense Threshold
At max duty cycle
170
195
215
mV
Second Current Sense Threshold
250
275
315
mV
ISENSE to GATE Prop. Delay
0 to 700 mV pulse into ISENSE (after blanking time)
60
90
130
ns
Leading Edge Blanking Time
0 to 400 mV pulse into ISENSE
90
130
180
ns
Internal Offset
Note 3
60
mV
Voltage Feedback
VFB Pull−up Res.
2.9
4.3
8.1
kW
VFB Clamp Voltage
2.63
2.90
3.15
V
VFB Fault Voltage Threshold
460
490
520
mV
Output Gate Drive
Maximum Sleep Pull−down Voltage
VCC = 6.0 V, IOUT = 1.0 mA
1.2
2.0
V
GATE High (AC)
Series resistance < 1.0 W, (Note 3)
VCC − 1.0 VCC − 0.5
V
GATE Low (AC)
Series resistance < 1.0 W, (Note 3)
0.0
0.5
V
GATE High Clamp Voltage
VCC = 20 V
11.0
13.5
16.0
V
Rise Time
Measure GATE rise time,
1.0 V < GATE < 9.0 V VCC = 12 V
45
65
ns
Fall TIme
Measure GATE fall time,
9.0 V > GATE > 1.0 V VCC = 12 V
25
55
ns
Thermal Shutdown
Thermal Shutdown Temperature
(Note 3) GATE low
135
150
165
°C
Thermal Enable Temperature
(Note 3) GATE switching
100
125
150
°C
Thermal Hysteresis
(Note 3)
15
25
35
°C
3. Not tested in production. Specification is guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com