Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXMP6A16DN8 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # ZXMP6A16DN8
Description  DUAL P-CHANNEL 60V ENHANCEMENT MODE MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXMP6A16DN8 Datasheet(HTML) 2 Page - Diodes Incorporated

  ZXMP6A16DN8_15 Datasheet HTML 1Page - Diodes Incorporated ZXMP6A16DN8_15 Datasheet HTML 2Page - Diodes Incorporated ZXMP6A16DN8_15 Datasheet HTML 3Page - Diodes Incorporated ZXMP6A16DN8_15 Datasheet HTML 4Page - Diodes Incorporated ZXMP6A16DN8_15 Datasheet HTML 5Page - Diodes Incorporated ZXMP6A16DN8_15 Datasheet HTML 6Page - Diodes Incorporated ZXMP6A16DN8_15 Datasheet HTML 7Page - Diodes Incorporated ZXMP6A16DN8_15 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
ZXMP6A16DN8
Document number: DS33586 Rev. 4 - 2
2 of 8
www.diodes.com
July 2012
© Diodes Incorporated
ZXMP6A16DN8
A Product Line of
Diodes Incorporated
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Drain-Source voltage
VDSS
-60
V
Gate-Source voltage
(Note 4)
VGS
±20
V
Continuous Drain current
VGS = 10V
(Notes 6 & 8)
ID
-3.9
A
TA = +70°C (Notes 6 & 8)
-3.1
(Notes 5 & 8)
-2.9
Pulsed Drain current
(Notes 7 & 8)
IDM
-18.3
A
Continuous Source current (Body diode)
(Notes 6 & 8)
IS
-3.2
A
Pulsed Source current (Body diode)
(Notes 7 & 8)
ISM
-18.3
A
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Power dissipation
Linear derating factor
(Notes 5 & 8)
PD
1.25
10.0
W
mW/°C
(Notes 5 & 9)
1.81
14.5
(Notes 6 & 8)
2.15
17
Thermal Resistance, Junction to Ambient
(Notes 5 & 8)
RθJA
100
°C/W
(Notes 5 & 9)
70
(Notes 6 & 8)
60
Thermal Resistance, Junction to Lead
(Notes 8 & 10)
RθJL
48.85
Operating and storage temperature range
TJ, TSTG
-55 to 150
°C
Notes:
4. AEC-Q101 VGS maximum is ±16V.
5. For a device surface mounted on 25mm x 25mm x 1.6mm FR4 PCB with high coverage of single sided 1oz copper, in still air conditions; the device is
measured when operating in a steady-state condition.
6. Same as note (5), except the device is measured at t
≤ 10 sec.
7. Same as note (5), except the device is pulsed with D = 0.02 and pulse width 300µs.
8. For a dual device with one active die.
9. For a device with two active die running at equal power.
10. Thermal resistance from junction to solder-point.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com