Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SGA5489Z Datasheet(PDF) 2 Page - RF Micro Devices

Part # SGA5489Z
Description  DC to 4000MHz, CASCADABLE SiGe HBT MMIC AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

SGA5489Z Datasheet(HTML) 2 Page - RF Micro Devices

  SGA5489Z Datasheet HTML 1Page - RF Micro Devices SGA5489Z Datasheet HTML 2Page - RF Micro Devices SGA5489Z Datasheet HTML 3Page - RF Micro Devices SGA5489Z Datasheet HTML 4Page - RF Micro Devices SGA5489Z Datasheet HTML 5Page - RF Micro Devices SGA5489Z Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2 of 6
DS100915
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
SGA5489Z
Typical Performance at Key Operating Frequencies
Absolute Maximum Ratings
Parameter
Rating
Unit
Max Device Current (ID)
120
mA
Max Device Voltage (VD)5
V
Max RF Input Power
+16
dBm
Max Junction Temp (TJ)+150
°C
Operating Temp Range (TL)
-40 to +85
°C
Max Storage Temp
+150
°C
Moisture Sensitivity Level
MSL 2
Operation of this device beyond any one of these limits may cause permanent dam-
age. For reliable continuous operation, the device voltage and current must not
exceed the maximum operating values specified in the table on page one.
Bias Conditions should also satisfy the following expression:
IDVD<(TJ-TL)/RTH, j-l
Parameter
Unit
100
MHz
500
MHz
850
MHz
1950
MHz
2400
MHz
3500
MHz
Small Signal Gain
dB
20.2
19.9
19.7
17.9
17.1
15.0
Output Third Order Intercept Point
dBm
31.3
30.8
27.4
25.7
Output Power at 1dB Compression
dBm
16.3
16.0
14.6
13.5
Input Return Loss
dB
22.4
22.3
20.2
15.4
13.5
11.8
Output Return Loss
dB
20.5
19.4
19.1
14.0
12.4
10.4
Reverse Isolation
dB
24.8
23.2
23.4
23.5
23.1
21.1
Noise Figure
dB
3.0
2.8
2.4
3.7
Test Conditions: VS=8V, ID=60mA Typ., OIP3 Tone Spacing=1MHz, POUT per tone=0dBm, RBIAS=75Ω, TL=25°C, ZS=ZL=50Ω
Caution! ESD sensitive device.
Exceeding any one or a combination of the Absolute Maximum Rating conditions may
cause permanent damage to the device. Extended application of Absolute Maximum
Rating conditions to the device may reduce device reliability. Specified typical perfor-
mance or functional operation of the device under Absolute Maximum Rating condi-
tions is not implied.
RoHS status based on EUDirective2002/95/EC (at time of this document revision).
The information in this publication is believed to be accurate and reliable. However, no
responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any
infringement of patents, or other rights of third parties, resulting from its use. No
license is granted by implication or otherwise under any patent or patent rights of
RFMD. RFMD reserves the right to change component circuitry, recommended appli-
cation circuitry and specifications at any time without prior notice.
20
25
30
35
40
00.5
1
1.5
22.5
3
Frequency (GHz)
10
12
14
16
18
20
0
0.5
1
1.5
2
2.5
3
Frequency (GHz)
OIP
3 vs. Frequency
V
D= 3.3 V, ID= 60 mA
P
1dB vs. Frequency
V
D= 3.3 V, ID= 60 mA
T
L=+25ºC
T
L=+25ºC
0
1
2
3
4
5
0
0.5
1
1.5
2
2.5
3
Frequency (GHz)
Noise Figure vs. Frequency
V
D=3.3 V, ID= 60 mA
T
L=+25ºC



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com