Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF7171MPBF Datasheet(PDF) 2 Page - International Rectifier

Part # IRF7171MPBF
Description  Optimized for Synchronous Rectification
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7171MPBF Datasheet(HTML) 2 Page - International Rectifier

  IRF7171MPBF Datasheet HTML 1Page - International Rectifier IRF7171MPBF Datasheet HTML 2Page - International Rectifier IRF7171MPBF Datasheet HTML 3Page - International Rectifier IRF7171MPBF Datasheet HTML 4Page - International Rectifier IRF7171MPBF Datasheet HTML 5Page - International Rectifier IRF7171MPBF Datasheet HTML 6Page - International Rectifier IRF7171MPBF Datasheet HTML 7Page - International Rectifier IRF7171MPBF Datasheet HTML 8Page - International Rectifier IRF7171MPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
 
IRF7171MTRPbF
2
www.irf.com
© 2015 International Rectifier
Submit Datasheet Feedback
March 25, 2015
Static @ TJ = 25°C (unless otherwise specified)
Parameter
Min. Typ. Max.
Units
Conditions
BVDSS
Drain-to-Source Breakdown Voltage
100
–––
–––
V
VGS = 0V, ID = 250µA
VDSS/TJ Breakdown Voltage Temp. Coefficient
–––
40
–––
mV/°C Reference to 25°C, ID = 1mA
RDS(on)
Static Drain-to-Source On-Resistance
–––
5.3
6.5
m
 VGS = 10V, ID = 56A 
VGS(th)
Gate Threshold Voltage
2.0
–––
3.6
V
VDS = VGS, ID = 150µA
VGS(th)/TJ Gate Threshold Voltage Temp. Coefficient
–––
-6.2
–––
mV/°C
IDSS
Drain-to-Source Leakage Current
–––
–––
1
µA
VDS = 80 V, VGS = 0V
IGSS
Gate-to-Source Forward Leakage
–––
–––
100
nA
VGS = 20V
Gate-to-Source Reverse Leakage
–––
–––
-100
VGS = -20V
gfs
Forward Transconductance
80
–––
–––
S
VDS = 10V, ID =56A
Qg
Total Gate Charge
–––
36
54
nC 
Qgs1
Pre– Vth Gate-to-Source Charge
–––
6.9
–––
VDS = 50V
Qgs2
Post– Vth Gate-to-Source Charge
–––
2.4
–––
VGS = 10V
Qgd
Gate-to-Drain Charge
–––
13
–––
ID = 56A
Qgodr
Gate Charge Overdrive
–––
13.7
–––
See Fig.8
Qsw
Switch Charge (Qgs2 + Qgd)
–––
15.4
–––
Qoss
Output Charge
–––
120
–––
nC 
VDS = 50V, VGS = 0V
RG
Gate Resistance
–––
1.0
–––

td(on)
Turn-On Delay Time
–––
9.3
–––
ns
VDD = 50V, VGS = 10V
tr
Rise Time
–––
27
–––
ID = 56A
td(off)
Turn-Off Delay Time
–––
15
–––
RG= 1.8
tf
Fall Time
–––
20
–––
Ciss
Input Capacitance
–––
2160 –––
pF  
VGS = 0V
Coss
Output Capacitance
–––
970
–––
VDS = 50V
Crss
Reverse Transfer Capacitance
–––
60
–––
ƒ = 1.0MHz
Coss
Output Capacitance
–––
4660 –––
VGS = 0V, VDS = 1.0V, ƒ =1.0MHz
Coss
Output Capacitance
–––
580
–––
VGS = 0V, VDS = 80V, ƒ =1.0MHz
Diode Characteristics  
Parameter
Min. Typ. Max.
Units
Conditions
IS
Continuous Source Current
–––
–––
95
A
MOSFET symbol
(Body Diode)
showing the
ISM
Pulsed Source Current
–––
–––
330
integral reverse
(Body Diode)
p-n junction diode.
VSD
Diode Forward Voltage
–––
–––
1.3
V
TJ = 25°C, IS = 56A, VGS = 0V 
trr
Reverse Recovery Time
–––
66
–––
ns
TJ = 25°C, IF = 56A, VDD = 50V
Qrr
Reverse Recovery Charge
–––
126
–––
nC
di/dt = 100A/µs 
Notes:
Repetitive rating; pulse width limited by max. junction temperature.
Pulse width ≤ 400µs; duty cycle ≤ 2%
D
S
G



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com