Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF7171MPBF Datasheet(PDF) 3 Page - International Rectifier

Part # IRF7171MPBF
Description  Optimized for Synchronous Rectification
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7171MPBF Datasheet(HTML) 3 Page - International Rectifier

  IRF7171MPBF Datasheet HTML 1Page - International Rectifier IRF7171MPBF Datasheet HTML 2Page - International Rectifier IRF7171MPBF Datasheet HTML 3Page - International Rectifier IRF7171MPBF Datasheet HTML 4Page - International Rectifier IRF7171MPBF Datasheet HTML 5Page - International Rectifier IRF7171MPBF Datasheet HTML 6Page - International Rectifier IRF7171MPBF Datasheet HTML 7Page - International Rectifier IRF7171MPBF Datasheet HTML 8Page - International Rectifier IRF7171MPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
 
IRF7171MTRPbF
3
www.irf.com
© 2015 International Rectifier
Submit Datasheet Feedback
March 25, 2015
Absolute Maximum Ratings
  
 
Symbol
Parameter
Max.
Units
PD @TC = 25°C
Power Dissipation 
104
PD @TC = 100°C Power Dissipation 
42
W
PD @TA = 25°C
Power Dissipation 
2.8
 
TP
Peak Soldering Temperature
270
TJ
Operating Junction and
-55 to + 150
°C
TSTG
Storage Temperature Range
Thermal Resistance
  
 
Symbol
Parameter
Typ.
Max.
Units
RJA
Junction-to-Ambient 
–––
45
RJA
Junction-to-Ambient 
12.5
–––
RJA
Junction-to-Ambient 
20
–––
°C/W
RJC
Junction-to-Can 
–––
1.2
RJA-PCB
Junction-to-PCB Mounted
1.0
–––
Notes:
Surface mounted on 1 in. square Cu board, steady state.
TC measured with thermocouple in contact with top (Drain) of part.
Used double sided cooling, mounting pad with large heat sink.
Mounted on minimum footprint full size board with metalized
back and with small clip heat sink.
Ris measured at TJ of approximately 90°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com