Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SZM-3166Z Datasheet(PDF) 2 Page - RF Micro Devices

Part # SZM-3166Z
Description  3.3GHz to 3.6GHz 2W POWER AMPLIFIER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

SZM-3166Z Datasheet(HTML) 2 Page - RF Micro Devices

  SZM-3166Z Datasheet HTML 1Page - RF Micro Devices SZM-3166Z Datasheet HTML 2Page - RF Micro Devices SZM-3166Z Datasheet HTML 3Page - RF Micro Devices SZM-3166Z Datasheet HTML 4Page - RF Micro Devices SZM-3166Z Datasheet HTML 5Page - RF Micro Devices SZM-3166Z Datasheet HTML 6Page - RF Micro Devices SZM-3166Z Datasheet HTML 7Page - RF Micro Devices SZM-3166Z Datasheet HTML 8Page - RF Micro Devices SZM-3166Z Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2 of 12
DS110620
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
SZM-3166Z
Typical Performance 3.3GHz to 3.6GHz App Circuit (VCC=5.2V, ICQ=800mA, *802.11g 54Mb/s 64QAM)
Simplified Device Schematic
Absolute Maximum Ratings
Parameter
Rating
Unit
VC3 Collector Bias Current (IVC3)
1500
mA
VC2 Collector Bias Current (IVC2)
600
mA
VC1 Collector Bias Current (IVC1)
300
mA
**Device Voltage (VD)9.0
V
Power Dissipation (PDISS)6
W
Operating Temp Range (TL)
-40 to +85
°C
*Max RF output Power for 50
 con-
tinuous long term operation
30
dBm
Max RF Input Power (CW) for 50
output load
29
dBm
Max RF input Power for 10:1 VSWR
output load
5dBm
Max Storage Temp
+150
°C
Operating Junction Temperature (TJ)+150
°C
ESD Rating - Human Body Model
(HBM)
Class IC
*With specified application circuit
**No RF Drive
Operation of this device beyond any one of these limits may cause permanent dam-
age. For reliable continuous operation, the device voltage and current must not
exceed the maximum operating values specified in the table on page one.
Bias Conditions should also satisfy the following expression:
IDVD<(TJ-TL)/RTH, j-l
Parameter
Unit
3.3GHz 3.4GHz 3.5GHz 3.6Ghz 3.7GHz 3.8GHz
Gain @ POUT=26dBm
dB
35
35
35
35
33
31.5
P1dB
dBm
34.0
34.5
35.0
34.5
34.0
33.0
% EVM @ POUT=27dBm*
%
2.7
2.5
2.5
2.6
3.1
4.0
Current @ POUT 2.5% EVM*
mA
930
930
920
893
910
885
Input Return Loss
dB
14.0
15.0
15.5
17.0
18.5
15.5
Output Return Loss
dB
9
10
10
987
Caution! ESD sensitive device.
Exceeding any one or a combination of the Absolute Maximum Rating conditions may
cause permanent damage to the device. Extended application of Absolute Maximum
Rating conditions to the device may reduce device reliability. Specified typical perfor-
mance or functional operation of the device under Absolute Maximum Rating condi-
tions is not implied.
RoHS status based on EUDirective2002/95/EC (at time of this document revision).
The information in this publication is believed to be accurate and reliable. However, no
responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any
infringement of patents, or other rights of third parties, resulting from its use. No
license is granted by implication or otherwise under any patent or patent rights of
RFMD. RFMD reserves the right to change component circuitry, recommended appli-
cation circuitry and specifications at any time without prior notice.
VBIAS12
RFOUT
NC
RFIN
VC1
RFOUT
RFOUT
RFOUT
RFOUT
RFOUT
VPC2
VPC1
NC
NC
NC
NC
GND
GND
GND
GND
11
10
40
30
20
1
31
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com