Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SZM-3166Z Datasheet(PDF) 3 Page - RF Micro Devices

Part # SZM-3166Z
Description  3.3GHz to 3.6GHz 2W POWER AMPLIFIER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

SZM-3166Z Datasheet(HTML) 3 Page - RF Micro Devices

  SZM-3166Z Datasheet HTML 1Page - RF Micro Devices SZM-3166Z Datasheet HTML 2Page - RF Micro Devices SZM-3166Z Datasheet HTML 3Page - RF Micro Devices SZM-3166Z Datasheet HTML 4Page - RF Micro Devices SZM-3166Z Datasheet HTML 5Page - RF Micro Devices SZM-3166Z Datasheet HTML 6Page - RF Micro Devices SZM-3166Z Datasheet HTML 7Page - RF Micro Devices SZM-3166Z Datasheet HTML 8Page - RF Micro Devices SZM-3166Z Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3 of 12
DS110620
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
SZM-3166Z
Measured 3.3GHz to 3.6GHz Application Circuit Data (VCC=VPC=5.2V, IQ=800mA, T=25°C)
EVM vs Frequency, T=+25C
802.11g, OFDM 54Mb/s, 64QAM
0
1
2
3
4
5
16
18
20
22
24
26
28
30
Pout(dBm)
3.4GHz
3.5GHz
3.6GHz
EVM vs Pout, F=3.4GHz
802.11g, OFDM 54Mb/s, 64QAM
0
1
2
3
4
5
16
18
20
22
24
26
28
30
Pout(dBm)
-40C
+25C
+85C
EVM vs Pout, F=3.5GHz
802.11g, OFDM 54Mb/s, 64QAM
0
1
2
3
4
5
16
18
20
22
24
26
28
30
Pout(dBm)
-40C
+25C
+85C
EVM vs Pout, F=3.6GHz
802.11g, OFDM 54Mb/s, 64QAM
0
1
2
3
4
5
16
18
20
22
24
26
28
30
Pout(dBm)
-40C
+25C
+85C
IM3 vs Pout (2 Tone Avg.), T=+25C
Tone Spacing = 1MHz
-65
-60
-55
-50
-45
-40
-35
-30
-25
18
20
22
24
26
28
Pout(dBm)
3.4GHz
3.5GHz
3.6GHz
3.7GHz
Typical Gain vs Pout, F=3.4GHz
28
30
32
34
36
38
40
18
20
22
24
26
28
30
32
34
36
Pout(dBm)
-40C
+25C
+85C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com