Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SGC6489Z Datasheet(PDF) 3 Page - RF Micro Devices

Part # SGC6489Z
Description  Patented Self Bias Circuitry
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

SGC6489Z Datasheet(HTML) 3 Page - RF Micro Devices

  SGC6489Z Datasheet HTML 1Page - RF Micro Devices SGC6489Z Datasheet HTML 2Page - RF Micro Devices SGC6489Z Datasheet HTML 3Page - RF Micro Devices SGC6489Z Datasheet HTML 4Page - RF Micro Devices SGC6489Z Datasheet HTML 5Page - RF Micro Devices SGC6489Z Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3 of 6
DS120409
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
SGC-6489Z
Typical Performance with Bias Tees, VD = 5V, ID = 82mA
S11 versus Frequency
-30.0
-25.0
-20.0
-15.0
-10.0
-5.0
0.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
Frequency (GHz)
25C
-40C
85C
S21 versus Frequency
14.0
16.0
18.0
20.0
22.0
24.0
0.00.5
1.01.5
2.02.5
3.03.5
Frequency (GHz)
25C
-40C
85C
S12 versus Frequency
-30.0
-25.0
-20.0
-15.0
-10.0
-5.0
0.0
0.00.5
1.01.5
2.02.5
3.03.5
Frequency (GHz)
25C
-40C
85C
S22 versus Frequency
-30.0
-25.0
-20.0
-15.0
-10.0
-5.0
0.0
0.00.5
1.01.5
2.02.5
3.03.5
Frequency (GHz)
25C
-40C
85C
NF versus Frequency
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
Frequency (GHz)
25C
85C
DCIV versus Temperature
0.0
20.0
40.0
60.0
80.0
100.0
120.0
0.0
1.0
2.0
3.0
4.0
5.0
6.0
VCE (Volts)
25C
-40C
85C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com