Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SGC6489Z Datasheet(PDF) 5 Page - RF Micro Devices

Part # SGC6489Z
Description  Patented Self Bias Circuitry
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

SGC6489Z Datasheet(HTML) 5 Page - RF Micro Devices

  SGC6489Z Datasheet HTML 1Page - RF Micro Devices SGC6489Z Datasheet HTML 2Page - RF Micro Devices SGC6489Z Datasheet HTML 3Page - RF Micro Devices SGC6489Z Datasheet HTML 4Page - RF Micro Devices SGC6489Z Datasheet HTML 5Page - RF Micro Devices SGC6489Z Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5 of 6
DS120409
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
SGC-6489Z
Application Schematic
Evaluation Board
C3
1000pF
.1uF
1
RF IN
C1
SGC-6489Z
2
3
4
C2
L1
Vs
RF OUT
Reference
Designator
500 - 2100 MHz
C1
43pF
C2
43pF
C3
100pF
L1
48nH 0805HQ CC
Mounting Instructions
1. Solder the copper pad on the backside of the
device package to the ground plane.
2. Use a large ground pad area with many plated
through-holes as shown.
3. We recommend 1 or 2 ounce copper. Measurements
for this data sheet were made on a 31 mil thick FR-4
board with 1 ounce copper on both sides.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com