Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P3C1256L7006MLF Datasheet(PDF) 7 Page - Pyramid Semiconductor Corporation

Part # P3C1256L7006MLF
Description  LOW POWER 32K x 8 STATIC CMOS RAM
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

P3C1256L7006MLF Datasheet(HTML) 7 Page - Pyramid Semiconductor Corporation

Back Button P3C1256L7006MLF Datasheet HTML 3Page - Pyramid Semiconductor Corporation P3C1256L7006MLF Datasheet HTML 4Page - Pyramid Semiconductor Corporation P3C1256L7006MLF Datasheet HTML 5Page - Pyramid Semiconductor Corporation P3C1256L7006MLF Datasheet HTML 6Page - Pyramid Semiconductor Corporation P3C1256L7006MLF Datasheet HTML 7Page - Pyramid Semiconductor Corporation P3C1256L7006MLF Datasheet HTML 8Page - Pyramid Semiconductor Corporation P3C1256L7006MLF Datasheet HTML 9Page - Pyramid Semiconductor Corporation P3C1256L7006MLF Datasheet HTML 10Page - Pyramid Semiconductor Corporation P3C1256L7006MLF Datasheet HTML 11Page - Pyramid Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
P3C1256L - 32K x 8 STATIC CMOS RAM
Page 7
Document # SRAM143 REV A
DATA RETEnTIOn CHARACTERISTICS
DATA RETEnTIOn WAVEFORM
Sym
Parameter
Test Conditions
Min
Typ.*
V
CC =
Max
V
CC =
Unit
2.0V
3.0V
2.0V
3.0V
V
DR
V
CC for Data Retention
2.0
V
I
CCDR
Data Retention Current
CE ≥ V
CC - 0.2V,
V
IN ≥ VCC - 0.2V
or V
IN ≤ 0.2V
10
15
80
120
µA
t
CDR
Chip Deselect to Data Reten-
tion Time
0
ns
t
R
†
Operation Recovery Time
t
RC
§
ns
* TA = +25°C
t
RC
§
= Read Cycle Time
† = This parameter is guaranteed but not tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com