Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P3C1256L7006MLF Datasheet(PDF) 1 Page - Pyramid Semiconductor Corporation

Part # P3C1256L7006MLF
Description  LOW POWER 32K x 8 STATIC CMOS RAM
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

P3C1256L7006MLF Datasheet(HTML) 1 Page - Pyramid Semiconductor Corporation

  P3C1256L7006MLF Datasheet HTML 1Page - Pyramid Semiconductor Corporation P3C1256L7006MLF Datasheet HTML 2Page - Pyramid Semiconductor Corporation P3C1256L7006MLF Datasheet HTML 3Page - Pyramid Semiconductor Corporation P3C1256L7006MLF Datasheet HTML 4Page - Pyramid Semiconductor Corporation P3C1256L7006MLF Datasheet HTML 5Page - Pyramid Semiconductor Corporation P3C1256L7006MLF Datasheet HTML 6Page - Pyramid Semiconductor Corporation P3C1256L7006MLF Datasheet HTML 7Page - Pyramid Semiconductor Corporation P3C1256L7006MLF Datasheet HTML 8Page - Pyramid Semiconductor Corporation P3C1256L7006MLF Datasheet HTML 9Page - Pyramid Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Document # SRAM143 REV A
Revised October 2011
P3C1256L
LOW POWER 32K x 8
STATIC CMOS RAM
FEATURES
V
CC Current (Commercial/Industrial)
— Operating: 70mA/85mA
— CMOS Standby: 100µA/100µA
Access Times
—55/70/85
Wide Range Power Supply: 2.7V to 3.6V
Easy Memory Expansion Using CE and OE Inputs
Common Data I/O
Three-State Outputs
Fully TTL Compatible Inputs and Outputs
Advanced CMOS Technology
Automatic Power Down
Packages
— 28-Pin 600 mil DIP
— 28-Pin 330 mil SOP
— 28-Pin TSOP
FUnCTIOnAL BLOCk DIAgRAM
PIn COnFIgURATIOnS
DIP (P6), SOP (S11-3)
TOP VIEW
DESCRIPTIOn
The P3C1256L is a 262,144-bit low power CMOS
static RAM organized as 32Kx8. The CMOS memory
requires no clocks or refreshing, and has equal access and
cycle times. Inputs are fully TTL-compatible. The RAM
operates with a wide range power supply (2.7V to 3.6V).
Access times of 55 ns and 70 ns are available. CMOS is
utilized to reduce power consumption to a low level.
The P3C1256L device provides asynchronous operation
with matching access and cycle times. Memory locations
are specified on address pins A
0 to A14. Reading is accom-
plished by device selection (CE and output enabling (OE)
while write enable (WE) remains HIGH. By presenting the
address under these conditions, the data in the addressed
memory location is presented on the data input/output pins.
The input/output pins stay in the HIGH Z state when either
CE or OE is HIGH or WE is LOW.


Similar Part No. - P3C1256L7006MLF

ManufacturerPart #DatasheetDescription
logo
Pyramid Semiconductor C...
P3C1256 PYRAMID-P3C1256 Datasheet
265Kb / 10P
HIGH SPEED 32K x 8 3.3V STATIC CMOS RAM
P3C125612JC PYRAMID-P3C125612JC Datasheet
265Kb / 10P
HIGH SPEED 32K x 8 3.3V STATIC CMOS RAM
P3C125612JI PYRAMID-P3C125612JI Datasheet
265Kb / 10P
HIGH SPEED 32K x 8 3.3V STATIC CMOS RAM
P3C125612TC PYRAMID-P3C125612TC Datasheet
265Kb / 10P
HIGH SPEED 32K x 8 3.3V STATIC CMOS RAM
P3C125612TI PYRAMID-P3C125612TI Datasheet
265Kb / 10P
HIGH SPEED 32K x 8 3.3V STATIC CMOS RAM
More results

Similar Description - P3C1256L7006MLF

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
T15L256A TMT-T15L256A Datasheet
83Kb / 10P
32K X 8 LOW POWER CMOS STATIC RAM???
T15M256A TMT-T15M256A Datasheet
82Kb / 10P
32K X 8 LOW POWER CMOS STATIC RAM????
T15M256B TMT-T15M256B Datasheet
87Kb / 13P
32K X 8 LOW POWER CMOS STATIC RAM
T15V256A TMT-T15V256A Datasheet
80Kb / 11P
32K X 8 LOW POWER CMOS STATIC RAM?
logo
Integrated Silicon Solu...
IS62C256 ISSI-IS62C256 Datasheet
38Kb / 8P
32K x 8 LOW POWER CMOS STATIC RAM
logo
List of Unclassifed Man...
65C256 ETC-65C256 Datasheet
74Kb / 11P
32K x 8 LOW POWER CMOS STATIC RAM
logo
Pyramid Semiconductor C...
P4C1256L PYRAMID-P4C1256L Datasheet
112Kb / 11P
LOW POWER 32K x 8 STATIC CMOS RAM
logo
Taiwan Memory Technolog...
T15M256B TMT-T15M256B_03 Datasheet
89Kb / 13P
32K X 8 LOW POWER CMOS STATIC RAM
T15V256A TMT-T15V256A_03 Datasheet
77Kb / 11P
32K X 8 LOW POWER CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS65C256AL ISSI-IS65C256AL_12 Datasheet
625Kb / 12P
32K x 8 LOW POWER CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com