Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATXMEGA384C3 Datasheet(PDF) 79 Page - ATMEL Corporation

Part # ATXMEGA384C3
Description  8/16-bit Atmel XMEGA C3 Microcontroller
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATXMEGA384C3 Datasheet(HTML) 79 Page - ATMEL Corporation

Back Button ATXMEGA384C3 Datasheet HTML 75Page - ATMEL Corporation ATXMEGA384C3 Datasheet HTML 76Page - ATMEL Corporation ATXMEGA384C3 Datasheet HTML 77Page - ATMEL Corporation ATXMEGA384C3 Datasheet HTML 78Page - ATMEL Corporation ATXMEGA384C3 Datasheet HTML 79Page - ATMEL Corporation ATXMEGA384C3 Datasheet HTML 80Page - ATMEL Corporation ATXMEGA384C3 Datasheet HTML 81Page - ATMEL Corporation ATXMEGA384C3 Datasheet HTML 82Page - ATMEL Corporation ATXMEGA384C3 Datasheet HTML 83Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 126 page
background image
79
XMEGA C3 [DATASHEET]
8361C–AVR–4/12
R
Q
Negative impedance
XOSCPWR=0,
FRQRANGE=0
0.4MHz resonator,
CL=100pF
44k
Ω
1MHz crystal, CL=20pF
67k
2MHz crystal, CL=20pF
67k
XOSCPWR=0,
FRQRANGE=1,
CL=20pF
2MHz crystal
82k
8MHz crystal
1500
9MHz crystal
1500
XOSCPWR=0,
FRQRANGE=2,
CL=20pF
8MHz crystal
2700
9MHz crystal
2700
12MHz crystal
1000
XOSCPWR=0,
FRQRANGE=3,
CL=20pF
9MHz crystal
3600
12MHz crystal
1300
16MHz crystal
590
XOSCPWR=1,
FRQRANGE=0,
CL=20pF
9MHz crystal
390
12MHz crystal
50
16MHz crystal
10
XOSCPWR=1,
FRQRANGE=1,
CL=20pF
9MHz crystal
1500
12MHz crystal
650
16MHz crystal
270
XOSCPWR=1,
FRQRANGE=2,
CL=20pF
12MHz crystal
1000
16MHz crystal
440
XOSCPWR=1,
FRQRANGE=3,
CL=20pF
12MHz crystal
1300
16MHz crystal
590
Start-up time
XOSCPWR=0,
FRQRANGE=0
0.4MHz resonator,
CL=100pF
1.0
ms
XOSCPWR=0,
FRQRANGE=1
2MHz crystal, CL=20pF
2.6
XOSCPWR=0,
FRQRANGE=2
8MHz crystal, CL=20pF
0.8
XOSCPWR=0,
FRQRANGE=3
12MHz crystal, CL=20pF
1.0
XOSCPWR=1,
FRQRANGE=3
16MHz crystal, CL=20pF
1.4
Symbol
Parameter
Condition
Min.
Typ.
Max.
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com