Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATXMEGA384C3 Datasheet(PDF) 45 Page - ATMEL Corporation

Part # ATXMEGA384C3
Description  8/16-bit Atmel XMEGA C3 Microcontroller
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATXMEGA384C3 Datasheet(HTML) 45 Page - ATMEL Corporation

Back Button ATXMEGA384C3 Datasheet HTML 41Page - ATMEL Corporation ATXMEGA384C3 Datasheet HTML 42Page - ATMEL Corporation ATXMEGA384C3 Datasheet HTML 43Page - ATMEL Corporation ATXMEGA384C3 Datasheet HTML 44Page - ATMEL Corporation ATXMEGA384C3 Datasheet HTML 45Page - ATMEL Corporation ATXMEGA384C3 Datasheet HTML 46Page - ATMEL Corporation ATXMEGA384C3 Datasheet HTML 47Page - ATMEL Corporation ATXMEGA384C3 Datasheet HTML 48Page - ATMEL Corporation ATXMEGA384C3 Datasheet HTML 49Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 126 page
background image
45
XMEGA C3 [DATASHEET]
8361C–AVR–4/12
27.
CRC – Cyclic Redundancy Check Generator
27.1 Features
• Cyclic redundancy check (CRC) generation and checking for
– Communication data
– Program or data in flash memory
– Data in SRAM and I/O memory space
• Integrated with flash memory, DMA controller and CPU
– Continuous CRC on data going through a DMA channel
– Automatic CRC of the complete or a selectable range of the flash memory
– CPU can load data to the CRC generator through the I/O interface
• CRC polynomial software selectable to
– CRC-16 (CRC-CCITT)
– CRC-32 (IEEE 802.3)
• Zero remainder detection
27.2 Overview
A cyclic redundancy check (CRC) is an error detection technique test algorithm used to find accidental errors in data, and
it is commonly used to determine the correctness of a data transmission, and data present in the data and program
memories. A CRC takes a data stream or a block of data as input and generates a 16- or 32-bit output that can be
appended to the data and used as a checksum. When the same data are later received or read, the device or application
repeats the calculation. If the new CRC result does not match the one calculated earlier, the block contains a data error.
The application will then detect this and may take a corrective action, such as requesting the data to be sent again or
simply not using the incorrect data.
Typically, an n-bit CRC applied to a data block of arbitrary length will detect any single error burst not longer than n bits
(any single alteration that spans no more than n bits of the data), and will detect the fraction 1-2-n of all longer error
bursts. The CRC module in Atmel AVR XMEGA devices supports two commonly used CRC polynomials; CRC-16 (CRC-
CCITT) and CRC-32 (IEEE 802.3).
CRC-16:
CRC-32:
Polynomial:
x16+x12+x5+1
Hex value:
0x1021
Polynomial:
x32+x26+x23+x22+x16+x12+x11+x10+x8+x7+x5+x4+x2+x+1
Hex value:
0x04C11DB7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com