Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFIZ24NPBF.. Datasheet(PDF) 2 Page - International Rectifier

Part # IRFIZ24NPBF..
Description  Advanced Process Technology
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFIZ24NPBF.. Datasheet(HTML) 2 Page - International Rectifier

  IRFIZ24NPBF.. Datasheet HTML 1Page - International Rectifier IRFIZ24NPBF.. Datasheet HTML 2Page - International Rectifier IRFIZ24NPBF.. Datasheet HTML 3Page - International Rectifier IRFIZ24NPBF.. Datasheet HTML 4Page - International Rectifier IRFIZ24NPBF.. Datasheet HTML 5Page - International Rectifier IRFIZ24NPBF.. Datasheet HTML 6Page - International Rectifier IRFIZ24NPBF.. Datasheet HTML 7Page - International Rectifier IRFIZ24NPBF.. Datasheet HTML 8Page - International Rectifier IRFIZ24NPBF.. Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
IRFIZ24NPbF
Parameter
Min. Typ. Max. Units
Conditions
V(BR)DSS
Drain-to-Source Breakdown Voltage
55
––– –––
V
VGS = 0V, ID = 250µA
∆V(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient
––– 0.052 –––
V/°C Reference to 25°C, ID = 1mA
RDS(on)
Static Drain-to-Source On-Resistance
–––
––– 0.07
Ω
VGS = 10V, ID = 7.8A
VGS(th)
Gate Threshold Voltage
2.0
–––
4.0
V
VDS = VGS, ID = 250µA
gfs
Forward Transconductance
4.5
––– –––
S
VDS = 25V, ID = 10A
–––
–––
25
µA
VDS = 55V, VGS = 0V
–––
––– 250
VDS = 44V, VGS = 0V, TJ = 150°C
Gate-to-Source Forward Leakage
–––
––– 100
VGS = 20V
Gate-to-Source Reverse Leakage
–––
––– -100
nA
VGS = -20V
Qg
Total Gate Charge
–––
–––
20
ID = 10A
Qgs
Gate-to-Source Charge
–––
–––
5.3
nC
VDS = 44V
Qgd
Gate-to-Drain ("Miller") Charge
–––
–––
7.6
VGS = 10V, See Fig. 6 and 13
td(on)
Turn-On Delay Time
–––
4.9
–––
VDD = 28V
tr
Rise Time
–––
34
–––
ID = 10A
td(off)
Turn-Off Delay Time
–––
19
–––
RG = 24Ω
tf
Fall Time
–––
27
–––
RD = 2.6Ω, See Fig. 10
Between lead,
–––
–––
6mm (0.25in.)
from package
and center of die contact
Ciss
Input Capacitance
–––
370 –––
VGS = 0V
Coss
Output Capacitance
–––
140 –––
VDS = 25V
Crss
Reverse Transfer Capacitance
–––
65
–––
ƒ = 1.0MHz, See Fig. 5
C
Drain to Sink Capacitance
–––
12
–––
ƒ = 1.0MHz
nH
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
LD
Internal Drain Inductance
LS
Internal Source Inductance
–––
–––
S
D
G
IGSS
ns
4.5
7.5
IDSS
Drain-to-Source Leakage Current
pF
Notes:
Repetitive rating; pulse width limited by
max. junction temperature. ( See fig. 11 )
VDD = 25V, starting TJ = 25°C, L = 1.0mH
RG = 25Ω, IAS = 10A. (See Figure 12)
t=60s, ƒ=60Hz
ISD ≤ 10A, di/dt ≤ 280A/µs, VDD ≤ V(BR)DSS,
TJ ≤ 175°C
Uses IRFZ24N data and test conditions
Pulse width
≤ 300µs; duty cycle ≤ 2%.
S
D
G
Parameter
Min. Typ. Max. Units
Conditions
IS
Continuous Source Current
MOSFET symbol
(Body Diode)
–––
–––
showing the
ISM
Pulsed Source Current
integral reverse
(Body Diode)
–––
–––
p-n junction diode.
VSD
Diode Forward Voltage
–––
–––
1.3
V
TJ = 25°C, IS = 7.8A, VGS = 0V
trr
Reverse Recovery Time
–––
56
83
ns
TJ = 25°C, IF = 10A
Qrr
Reverse RecoveryCharge
–––
120 180
µC
di/dt = 100A/µs
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
Source-Drain Ratings and Characteristics
A
14
68



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com