Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFIZ24NPBF.. Datasheet(PDF) 1 Page - International Rectifier

Part # IRFIZ24NPBF..
Description  Advanced Process Technology
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFIZ24NPBF.. Datasheet(HTML) 1 Page - International Rectifier

  IRFIZ24NPBF.. Datasheet HTML 1Page - International Rectifier IRFIZ24NPBF.. Datasheet HTML 2Page - International Rectifier IRFIZ24NPBF.. Datasheet HTML 3Page - International Rectifier IRFIZ24NPBF.. Datasheet HTML 4Page - International Rectifier IRFIZ24NPBF.. Datasheet HTML 5Page - International Rectifier IRFIZ24NPBF.. Datasheet HTML 6Page - International Rectifier IRFIZ24NPBF.. Datasheet HTML 7Page - International Rectifier IRFIZ24NPBF.. Datasheet HTML 8Page - International Rectifier IRFIZ24NPBF.. Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
IRFIZ24NPbF
HEXFET® Power MOSFET
PD - 94808
S
D
G
VDSS = 55V
RDS(on) = 0.07Ω
ID = 14A
Advanced Process Technology
Isolated Package
High Voltage Isolation = 2.5KVRMS
Sink to Lead Creepage Dist. = 4.8mm
Fully Avalanche Rated
Lead-Free
TO-220 FULLPAK
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
–––
5.2
RθJA
Junction-to-Ambient
–––
65
Thermal Resistance
Fifth Generation HEXFETs from International Rectifier
utilize advanced processing techniques to achieve
extremely low on-resistance per silicon area. This
benefit, combined with the fast switching speed and
ruggedized device design that HEXFET Power
MOSFETs are well known for, provides the designer
with an extremely efficient and reliable device for use
in a wide variety of applications.
The TO-220 Fullpak eliminates the need for additional
insulating hardware in commercial-industrial
applications. The moulding compound used provides
a high isolation capability and a low thermal resistance
between the tab and external heatsink. This isolation
is equivalent to using a 100 micron mica barrier with
standard TO-220 product. The Fullpak is mounted to
a heatsink using a single clip or by a single screw
fixing.
11/3/03
Description
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
14
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V
10
A
IDM
Pulsed Drain Current
68
PD @TC = 25°C
Power Dissipation
29
W
Linear Derating Factor
0.19
W/°C
VGS
Gate-to-Source Voltage
± 20
V
EAS
Single Pulse Avalanche Energy
71
mJ
IAR
Avalanche Current
10
A
EAR
Repetitive Avalanche Energy
2.9
mJ
dv/dt
Peak Diode Recovery dv/dt
5.0
V/ns
TJ
Operating Junction and
-55 to + 175
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
300 (1.6mm from case )
°C
Mounting torque, 6-32 or M3 screw
10 lbf•in (1.1N•m)
Absolute Maximum Ratings
°C/W


Similar Part No. - IRFIZ24NPBF..

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFIZ24NPBF IRF-IRFIZ24NPBF Datasheet
218Kb / 9P
HEXFET짰 Power MOSFET
logo
VBsemi Electronics Co.,...
IRFIZ24NPBF VBSEMI-IRFIZ24NPBF Datasheet
2Mb / 8P
N-Channel 60 V (D-S) MOSFET
More results

Similar Description - IRFIZ24NPBF..

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
IRF640NS KERSEMI-IRF640NS Datasheet
1Mb / 11P
Advanced Process Technology
IRFR48Z KERSEMI-IRFR48Z_15 Datasheet
1Mb / 12P
Advanced Process Technology
IRLR2905Z KERSEMI-IRLR2905Z Datasheet
1Mb / 11P
Advanced Process Technology
IRFZ48NS KERSEMI-IRFZ48NS Datasheet
1Mb / 10P
Advanced Process Technology
IRFZ24N KERSEMI-IRFZ24N Datasheet
741Kb / 8P
Advanced Process Technology
IRFZ34N KERSEMI-IRFZ34N Datasheet
751Kb / 8P
Advanced Process Technology
IRFZ44N KERSEMI-IRFZ44N Datasheet
700Kb / 8P
Advanced Process Technology
IRF5305S KERSEMI-IRF5305S Datasheet
1Mb / 10P
Advanced Process Technology
IRF9520NS KERSEMI-IRF9520NS Datasheet
1Mb / 10P
Advanced Process Technology
AUIRFR48Z KERSEMI-AUIRFR48Z Datasheet
1Mb / 12P
Advanced Process Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com