Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFL024ZPBF Datasheet(PDF) 1 Page - International Rectifier

Part # IRFL024ZPBF
Description  Advanced Process Technology
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFL024ZPBF Datasheet(HTML) 1 Page - International Rectifier

  IRFL024ZPBF_15 Datasheet HTML 1Page - International Rectifier IRFL024ZPBF_15 Datasheet HTML 2Page - International Rectifier IRFL024ZPBF_15 Datasheet HTML 3Page - International Rectifier IRFL024ZPBF_15 Datasheet HTML 4Page - International Rectifier IRFL024ZPBF_15 Datasheet HTML 5Page - International Rectifier IRFL024ZPBF_15 Datasheet HTML 6Page - International Rectifier IRFL024ZPBF_15 Datasheet HTML 7Page - International Rectifier IRFL024ZPBF_15 Datasheet HTML 8Page - International Rectifier IRFL024ZPBF_15 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
IRFL024ZPbF
HEXFET® Power MOSFET
VDSS = 55V
RDS(on) = 57.5mΩ
ID = 5.1A
09/16/10
www.irf.com
1
SOT-223
This HEXFET® Power MOSFET utilizes the latest
processing techniques to achieve extremely low on-
resistance per silicon area. Additional features of
thisdesign area150°Cjunctionoperatingtemperature,
fast switching speed and improved repetitive
avalanche rating . These features combine to make
this design an extremely efficient and reliable device
for use in a wide variety of applications.
S
D
G
Description
l
Advanced Process Technology
l
Ultra Low On-Resistance
l
150°C Operating Temperature
l
Fast Switching
l
Repetitive Avalanche Allowed up to Tjmax
l
Lead-Free
Features
Absolute Maximum Ratings
Parameter
Units
ID @ TA = 25°C Continuous Drain Current, VGS @ 10V (Silicon Limited) i
ID @ TA = 70°C Continuous Drain Current, VGS @ 10V i
A
IDM
Pulsed Drain Current
™
PD @TA = 25°C Power Dissipation i
PD @TA = 25°C Power Dissipation j
W
Linear Derating Factor
i
W/°C
VGS
Gate-to-Source Voltage
V
EAS (Thermally limited) Single Pulse Avalanche Energyd
mJ
EAS (Tested )
Single Pulse Avalanche Energy Tested Value
h
IAR
Avalanche Current
Ù
A
EAR
Repetitive Avalanche Energy
g
mJ
TJ
Operating Junction and
TSTG
Storage Temperature Range
°C
Thermal Resistance
Parameter
Typ.
Max.
Units
RθJA
Junction-to-Ambient (PCB mount, steady state)
i
–––
45
°C/W
RθJA
Junction-to-Ambient (PCB mount, steady state)
j
–––
120
-55 to + 150
1.0
0.02
± 20
Max.
5.1
4.1
41
2.8
32
13
See Fig.12a, 12b, 15, 16
PD - 95312A


Similar Part No. - IRFL024ZPBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFL024ZPBF IRF-IRFL024ZPBF Datasheet
191Kb / 10P
HEXFET Power MOSFET
More results

Similar Description - IRFL024ZPBF_15

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
IRF640NS KERSEMI-IRF640NS Datasheet
1Mb / 11P
Advanced Process Technology
IRFR48Z KERSEMI-IRFR48Z_15 Datasheet
1Mb / 12P
Advanced Process Technology
IRLR2905Z KERSEMI-IRLR2905Z Datasheet
1Mb / 11P
Advanced Process Technology
IRFZ48NS KERSEMI-IRFZ48NS Datasheet
1Mb / 10P
Advanced Process Technology
IRFZ24N KERSEMI-IRFZ24N Datasheet
741Kb / 8P
Advanced Process Technology
IRFZ34N KERSEMI-IRFZ34N Datasheet
751Kb / 8P
Advanced Process Technology
IRFZ44N KERSEMI-IRFZ44N Datasheet
700Kb / 8P
Advanced Process Technology
IRF5305S KERSEMI-IRF5305S Datasheet
1Mb / 10P
Advanced Process Technology
IRF9520NS KERSEMI-IRF9520NS Datasheet
1Mb / 10P
Advanced Process Technology
AUIRFR48Z KERSEMI-AUIRFR48Z Datasheet
1Mb / 12P
Advanced Process Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com