Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFL024ZPBF Datasheet(PDF) 10 Page - International Rectifier

Part # IRFL024ZPBF
Description  Advanced Process Technology
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFL024ZPBF Datasheet(HTML) 10 Page - International Rectifier

Back Button IRFL024ZPBF_15 Datasheet HTML 2Page - International Rectifier IRFL024ZPBF_15 Datasheet HTML 3Page - International Rectifier IRFL024ZPBF_15 Datasheet HTML 4Page - International Rectifier IRFL024ZPBF_15 Datasheet HTML 5Page - International Rectifier IRFL024ZPBF_15 Datasheet HTML 6Page - International Rectifier IRFL024ZPBF_15 Datasheet HTML 7Page - International Rectifier IRFL024ZPBF_15 Datasheet HTML 8Page - International Rectifier IRFL024ZPBF_15 Datasheet HTML 9Page - International Rectifier IRFL024ZPBF_15 Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
IRFL024ZPbF
10
www.irf.com
Data and specifications subject to change without notice.
This product has been designed for the Industrial market.
Qualification Standards can be found on IR’s Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7903
Visit us at www.irf.com for sales contact information. 09/2010
SOT-223 (TO-261AA) Tape & Reel Information
Dimensions are shown in milimeters (inches)
4.10 (.161)
3.90 (.154)
1.85 (.072)
1.65 (.065)
2.05 (.080)
1.95 (.077)
12.10 (.475)
11.90 (.469)
7.10 (.279)
6.90 (.272)
1.60 (.062)
1.50 (.059)
TYP.
7.55 (.297)
7.45 (.294)
7.60 (.299)
7.40 (.292)
2.30 (.090)
2.10 (.083)
16.30 (.641)
15.70 (.619)
0.35 (.013)
0.25 (.010)
FEED DIRECTION
TR
13.20 (.519)
12.80 (.504)
50.00 (1.969)
MIN.
330.00
(13.000)
MAX.
NOTES :
1. CONTROLLING DIMENSION: MILLIMETER.
2. OUTLINE CONFORMS TO EIA-481 & EIA-541.
3. EACH O330.00 (13.00) REEL CONTAINS 2,500 DEVICES.
3
NOTES :
1. OUTLINE COMFORMS TO EIA-418-1.
2. CONTROLLING DIMENSION: MILLIMETER..
3. DIMENSION MEASURED @ HUB.
4. INCLUDES FLANGE DISTORTION @ OUTER EDGE.
15.40 (.607)
11.90 (.469)
18.40 (.724)
MAX.
14.40 (.566)
12.40 (.488)
4
4



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com