Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP6201 Datasheet(PDF) 1 Page - Lowpower Semiconductor inc

Part # LP6201
Description  Low voltage start-up:0.9V
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP6201 Datasheet(HTML) 1 Page - Lowpower Semiconductor inc

  LP6201 Datasheet HTML 1Page - Lowpower Semiconductor inc LP6201 Datasheet HTML 2Page - Lowpower Semiconductor inc LP6201 Datasheet HTML 3Page - Lowpower Semiconductor inc LP6201 Datasheet HTML 4Page - Lowpower Semiconductor inc LP6201 Datasheet HTML 5Page - Lowpower Semiconductor inc LP6201 Datasheet HTML 6Page - Lowpower Semiconductor inc LP6201 Datasheet HTML 7Page - Lowpower Semiconductor inc LP6201 Datasheet HTML 8Page - Lowpower Semiconductor inc LP6201 Datasheet HTML 9Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Preliminary Datasheet
LP6201
LP6201 –04 Ver. 1.4 Datasheet
Dec.-2008
Page 1 of 9
Low Noise PFM DC/DC Regulator
General Description
The LP6201 Series are PFM Step-up DC/DC ICs with ultra
low supply current by CMOS process and suitable for use
with battery-powered instruments. The LP6201 IC consists
of an oscillator, a PFM control circuit, a driver transistor
(LX switch), a reference voltage unit, an error amplifier,
resistors for voltage detection, and a LX switch protection
circuit. A low ripple and high efficiency step-up DC/DC
converter can be constructed of this LP6201 IC with only
three external components.
Ordering Information
LP6201 -
□ □
□ □
F: Pb-Free
Package Type
B3: SOT23
B5: SOT23-5
X3: SOT-89
Output Voltage
30:3.0V
33:3.3V
36:3.6V
40: 4.0V
45:4.5V
50:5.0V
Typical Application Circuit
Vin
+
Cout
100uF
33uH
LP6201
3
2
1
4
NC
VOUT
EN
GND
SS14
Vout
+
47uF
Features
Up to 85% efficiency
 
Low voltage start-up:0.9V
Shut-down current:<1uA
 
Output voltage:2.5-6.0V with 0.1V step
High switch on current:800mA
260KHz frequency switching
Available in SOT23,SOT23-5,SOT-89 Package  
Applications
AlK. Battery products
Pin Configurations
Marking Information
Please see website.


Similar Part No. - LP6201

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP6202 POWER-LP6202 Datasheet
235Kb / 7P
Synchronous Boost DC/DC Regulator
LP6202-B6F POWER-LP6202-B6F Datasheet
235Kb / 7P
Synchronous Boost DC/DC Regulator
LP6202A POWER-LP6202A Datasheet
236Kb / 6P
Synchronous Boost DC/DC Regulator
LP6202AA-B6F POWER-LP6202AA-B6F Datasheet
236Kb / 6P
Synchronous Boost DC/DC Regulator
LP6203 POWER-LP6203 Datasheet
282Kb / 8P
High Efficiency Boost DC/DC Regulator
More results

Similar Description - LP6201

ManufacturerPart #DatasheetDescription
logo
SYNC POWER Crop.
SP689 SYNC-POWER-SP689 Datasheet
220Kb / 5P
Ultra High Voltage Start Up
logo
Supertex, Inc
LR745N8-G SUTEX-LR745N8-G Datasheet
558Kb / 7P
High Input Voltage SMPS Start-up
logo
Lowpower Semiconductor ...
LP6205S POWER-LP6205S Datasheet
364Kb / 5P
1.3V Start-up Input Voltage
logo
International Rectifier
IRS25751LPBF IRF-IRS25751LPBF_15 Datasheet
610Kb / 13P
High-Voltage Start-Up IC
logo
Microchip Technology
LR745 MICROCHIP-LR745 Datasheet
333Kb / 15P
High-Input Voltage SMPS Start-up
01/27/15
logo
STMicroelectronics
HVLED001 STMICROELECTRONICS-HVLED001 Datasheet
623Kb / 27P
800 V high voltage start-up
13-Jan-2015
logo
Infineon Technologies A...
IRS25751LPBF INFINEON-IRS25751LPBF Datasheet
610Kb / 13P
High-Voltage Start-Up IC
January 15, 2015
logo
Guangdong Youtai Semico...
UC2842 UMW-UC2842 Datasheet
832Kb / 9P
Low Start-Up and Operating Current
UC2842 UMW-UC2842_V01 Datasheet
779Kb / 7P
Low Start-Up and Operating Current
UC3842 UMW-UC3842_V01 Datasheet
881Kb / 7P
Low Start-Up and Operating Current
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com