Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP6201 Datasheet(PDF) 2 Page - Lowpower Semiconductor inc

Part # LP6201
Description  Low voltage start-up:0.9V
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP6201 Datasheet(HTML) 2 Page - Lowpower Semiconductor inc

  LP6201 Datasheet HTML 1Page - Lowpower Semiconductor inc LP6201 Datasheet HTML 2Page - Lowpower Semiconductor inc LP6201 Datasheet HTML 3Page - Lowpower Semiconductor inc LP6201 Datasheet HTML 4Page - Lowpower Semiconductor inc LP6201 Datasheet HTML 5Page - Lowpower Semiconductor inc LP6201 Datasheet HTML 6Page - Lowpower Semiconductor inc LP6201 Datasheet HTML 7Page - Lowpower Semiconductor inc LP6201 Datasheet HTML 8Page - Lowpower Semiconductor inc LP6201 Datasheet HTML 9Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Preliminary Datasheet
LP6201
LP6201 –04 Ver. 1.4 Datasheet
Dec.-2008
Page 2 of 9
Functional Pin Description
Pin No.
SOT23-5
SOT23
SOT89
Pin Name
Pin Function
1
X
X
EN
Chip EN(Active High)
2
3
2
Vout
Voltage output pin
3
X
X
NC
No connection
4
1
1
GND
Chip Power Ground
5
2
3
LX
Pin of switch
Function Block Diagram
Absolute Maximum Ratings



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com