Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFP4468PBF. Datasheet(PDF) 4 Page - International Rectifier

Part # IRFP4468PBF.
Description  High Efficiency Synchronous Rectification in SMPS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFP4468PBF. Datasheet(HTML) 4 Page - International Rectifier

  IRFP4468PBF. Datasheet HTML 1Page - International Rectifier IRFP4468PBF. Datasheet HTML 2Page - International Rectifier IRFP4468PBF. Datasheet HTML 3Page - International Rectifier IRFP4468PBF. Datasheet HTML 4Page - International Rectifier IRFP4468PBF. Datasheet HTML 5Page - International Rectifier IRFP4468PBF. Datasheet HTML 6Page - International Rectifier IRFP4468PBF. Datasheet HTML 7Page - International Rectifier IRFP4468PBF. Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
IRFP4468PbF
4
www.irf.com
Fig 8. Maximum Safe Operating Area
Fig 10. Drain-to-Source Breakdown Voltage
Fig 7. Typical Source-Drain Diode
Forward Voltage
Fig 11. Typical COSS Stored Energy
Fig 9. Maximum Drain Current vs.
Case Temperature
Fig 12. Maximum Avalanche Energy Vs. DrainCurrent
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
VSD, Source-to-Drain Voltage (V)
0.1
1
10
100
1000
TJ = 25°C
TJ = 175°C
VGS = 0V
25
50
75
100
125
150
175
Starting TJ, Junction Temperature (°C)
0
500
1000
1500
2000
2500
3000
I D
TOP
30A
41A
BOTTOM
180A
-60 -40 -20 0
20 40 60 80 100 120 140 160 180
TJ , Junction Temperature (°C)
90
100
110
120
ID = 5mA
0
20
40
60
80
100
VDS, Drain-to-Source Voltage (V)
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
25
50
75
100
125
150
175
TC , Case Temperature (°C)
0
50
100
150
200
250
300
LIMITED BY PACKAGE
0.1
1
10
100
VDS, Drain-toSource Voltage (V)
0.1
1
10
100
1000
10000
Tc = 25°C
Tj = 175°C
Single Pulse
1msec
10msec
OPERATION IN THIS AREA
LIMITED BY RDS(on)
100μsec
DC
LIMITED BY PACKAGE



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com