Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFP4468PBF. Datasheet(PDF) 1 Page - International Rectifier

Part # IRFP4468PBF.
Description  High Efficiency Synchronous Rectification in SMPS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFP4468PBF. Datasheet(HTML) 1 Page - International Rectifier

  IRFP4468PBF. Datasheet HTML 1Page - International Rectifier IRFP4468PBF. Datasheet HTML 2Page - International Rectifier IRFP4468PBF. Datasheet HTML 3Page - International Rectifier IRFP4468PBF. Datasheet HTML 4Page - International Rectifier IRFP4468PBF. Datasheet HTML 5Page - International Rectifier IRFP4468PBF. Datasheet HTML 6Page - International Rectifier IRFP4468PBF. Datasheet HTML 7Page - International Rectifier IRFP4468PBF. Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
5/21/08
www.irf.com
1
HEXFET® Power MOSFET
Benefits
l Improved Gate, Avalanche and Dynamic dV/dt
Ruggedness
l Fully Characterized Capacitance and Avalanche
SOA
l Enhanced body diode dV/dt and dI/dt Capability
l Lead-Free
Applications
l High Efficiency Synchronous Rectification in SMPS
l Uninterruptible Power Supply
l High Speed Power Switching
l Hard Switched and High Frequency Circuits
S
D
G
GD
S
Gate
Drain
Source
TO-247AC
S
D
G
D
PD -97134
IRFP4468PbF
VDSS
100V
RDS(on) typ.
2.0m:
max.
2.6m:
ID (Silicon Limited)
290A c
ID (Package Limited)
195A
Absolute Maximum Ratings
Symbol
Parameter
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V (Silicon Limited)
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V (Silicon Limited)
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V (Wire Bond Limited)
IDM
Pulsed Drain Current
d
PD @TC = 25°C
Maximum Power Dissipation
W
Linear Derating Factor
W/°C
VGS
Gate-to-Source Voltage
V
dv/dt
Peak Diode Recovery
f
V/ns
TJ
Operating Junction and
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
(1.6mm from case)
Mounting torque, 6-32 or M3 screw
Avalanche Characteristics
EAS (Thermally limited)
Single Pulse Avalanche Energy
e
mJ
IAR
Avalanche Current
d
A
EAR
Repetitive Avalanche Energy
g
mJ
Thermal Resistance
Symbol
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
k
–––
0.29
RθCS
Case-to-Sink, Flat Greased Surface
0.24
–––
°C/W
RθJA
Junction-to-Ambient
jk
–––
40
A
°C
300
740
See Fig. 14, 15, 22a, 22b,
520
10
Max.
290
c
200
1120
195
-55 to + 175
± 20
3.4
10lb
xin (1.1Nxm)


Similar Part No. - IRFP4468PBF.

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFP4468PBF IRF-IRFP4468PBF Datasheet
296Kb / 8P
HEXFET Power MOSFET
logo
Kersemi Electronic Co.,...
IRFP4468PBF KERSEMI-IRFP4468PBF Datasheet
937Kb / 8P
High Efficiency Synchronous Rectification in SMPS
More results

Similar Description - IRFP4468PBF.

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFB3077PBF IRF-IRFB3077PBF Datasheet
316Kb / 8P
High Efficiency Synchronous Rectification in SMPS
IRFI4410ZPBF IRF-IRFI4410ZPBF Datasheet
321Kb / 8P
High Efficiency Synchronous Rectification in SMPS
IRFR3607TRPBF IRF-IRFR3607TRPBF Datasheet
372Kb / 10P
High Efficiency Synchronous Rectification in SMPS
IRFB4137PBF IRF-IRFB4137PBF_15 Datasheet
398Kb / 8P
High Efficiency Synchronous Rectification in SMPS
IRFB4615PBF IRF-IRFB4615PBF_15 Datasheet
299Kb / 8P
High Efficiency Synchronous Rectification in SMPS
IRFP3006PBF IRF-IRFP3006PBF_15 Datasheet
367Kb / 9P
High Efficiency Synchronous Rectification in SMPS
IRFP3306PBF IRF-IRFP3306PBF_15 Datasheet
301Kb / 8P
High Efficiency Synchronous Rectification in SMPS
IRFP4004PBF IRF-IRFP4004PBF_15 Datasheet
300Kb / 8P
High Efficiency Synchronous Rectification in SMPS
logo
Infineon Technologies A...
IRFP4768PBF INFINEON-IRFP4768PBF Datasheet
476Kb / 9P
High Efficiency Synchronous Rectification in SMPS
2016-12-12
IRFP4568PBP INFINEON-IRFP4568PBP Datasheet
325Kb / 8P
High Efficiency Synchronous Rectification in SMPS
09/08/08
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com