Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KIA79M05PI Datasheet(PDF) 9 Page - KEC(Korea Electronics)

Part # KIA79M05PI
Description  BIPOLAR LINEAR INTEGRATED CIRCUIT
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIA79M05PI Datasheet(HTML) 9 Page - KEC(Korea Electronics)

  KIA79M05PI Datasheet HTML 1Page - KEC(Korea Electronics) KIA79M05PI Datasheet HTML 2Page - KEC(Korea Electronics) KIA79M05PI Datasheet HTML 3Page - KEC(Korea Electronics) KIA79M05PI Datasheet HTML 4Page - KEC(Korea Electronics) KIA79M05PI Datasheet HTML 5Page - KEC(Korea Electronics) KIA79M05PI Datasheet HTML 6Page - KEC(Korea Electronics) KIA79M05PI Datasheet HTML 7Page - KEC(Korea Electronics) KIA79M05PI Datasheet HTML 8Page - KEC(Korea Electronics) KIA79M05PI Datasheet HTML 9Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
2002. 9. 24
9/9
KIA79M05F/PI/T~79M15F/PI/T
Revision No : 2
Design Considerations
The KIA79M
×× fixed voltage regulator series have thermal
overload protection from excessive power, internal short circuit
protection which limits the circuit’s maximum current, and output
transistor safe-area compensation for reducing the output current
as the voltage across the pass transistor is increased.
Although the internal power dissipation is limited, the junction
temperature must be kept below the maximum specified temperature
in order to meet data sheet specifications. To calculate the maximum
junction temperature or heat sink required, the following thermal
resistance values should be used ;
Tjmax - Ta
PDMAX =
or
θ
JC+θ
CA
Tjmax - Ta
=
θ
JA
θ
CA=θ
CS+θ
SA
Solving for TJ :
TJ = Ta+PD (θ
JC+θ
CA) or
= Ta+PD θ
JA
Where
TJ = Junction Temperature
Ta = Ambient Temperature
PD = Power Dissipation
θ
JC = Junction to Case Thermal Resistance
θ
CA = Case to Ambient Thermal Resistance
θ
CS = Case to Heaksink Thermal Resistance
θ
SA = Heatsink to Ambient Thermal Resistance
θ
JA = Junction to Ambient Thermal Resistance
Typical Applications
Bypass capacitors are necessary for stable operation of the
KIA79M
×× series of regulators over the input voltage and output
current ranges. Output bypass capacitors will improve the transient
response of the regulator.
The bypass capacitors (2.2
μF on the input, 1.0μF on the output),
Should be ceramic or solid tantalum which have good high frequency
characteristics. If aluminum electrolytics are used, their values
should be 10
μF or larger. The bypass capacitors should be mounted
with the shortest leads, and if possible, directly across the regulator
terminals.
(1) Required if regulator is separated from filter capacitor by
more than 3. For value given, capacitor must be solid tantalum.
25
μF aluminum electrolytic may be substituted.
(2) Required for stability. For value given, capacitor must be solid
tantalum. 25
μF aluminum electrolytic may be substituted.
Values given may be increased without limit.
For output capacitance in excess of 100
μF, a high current
diode from input to output (1N4001, etc.) will protect the
regulator from momentary input shorts.
* Improves transient response and ripple rejection.
Do not increase beyond 50
≦F.
R1+R2
VOUT=VSET (
)
R2
Select R2 as follows : KIA79M05
300
Ω
KIA79M08
470
Ω
KIA79M12
750
Ω
KIA79M15
1k
Ω
PACKAGE
θ
JC (℃/W)
θ
JA (℃/W)
DPAK
10.4
96.1
KIA79XX
+
+
GND
IN
OUT
-VO
-VI
1
µF
CO =
2.2
µF
CI =
2.2
µF
-
+
1
C
-
+
KIA79MXX
-
+
SOLID
TANTALUM
C
25
µF
3
1
R
R2
TANTALUM
C
1
µF
SOLID
2
25
µF
C 3
Varlable Output
*
INPUT
OUTPUT



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com