Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KIA79M05PI Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # KIA79M05PI
Description  BIPOLAR LINEAR INTEGRATED CIRCUIT
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIA79M05PI Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  KIA79M05PI Datasheet HTML 1Page - KEC(Korea Electronics) KIA79M05PI Datasheet HTML 2Page - KEC(Korea Electronics) KIA79M05PI Datasheet HTML 3Page - KEC(Korea Electronics) KIA79M05PI Datasheet HTML 4Page - KEC(Korea Electronics) KIA79M05PI Datasheet HTML 5Page - KEC(Korea Electronics) KIA79M05PI Datasheet HTML 6Page - KEC(Korea Electronics) KIA79M05PI Datasheet HTML 7Page - KEC(Korea Electronics) KIA79M05PI Datasheet HTML 8Page - KEC(Korea Electronics) KIA79M05PI Datasheet HTML 9Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
2002. 9. 24
1/9
Revision No : 2
THREE TERMINAL NEGATIVE
VOLTAGE REGULATORS -5V, -8V, -12V, -15V.
KIA79M
×× Series of three-terminal regulators is available with
fixed output voltages of -5V, -8V, -12V, and -15V.
These devices need only one external component-a compensation
capacitor at the output. The KIA79M
×× series is capable of
supplying 0.5A of output current. These regulators employ internal
current limiting, safe area protection, and thermal shutdown for
protection against virtually all overload conditions.
Low ground pin current of the KIA79M
×× series allows output
voltage to be easily boosted above the preset value with a resistor
divider. The low quiescent current of these devices with a specified
maximum change with line and load ensures good regulation in the
voltage boosted mode.
FEATURES
・Thermal, Short Circuit and Safe Area Protection.
・High Ripple Rejection.
・0.5A Output Current
・4% Tolerance on Preset Output Voltage.
DPAK
DIM
MILLIMETERS
A
B
C
D
F
H
I
J
K
L
6.60
0.2
6.10
0.2
5.0
0.2
1.10
0.2
2.70
0.2
2.30
0.1
1.00 MAX
2.30
0.2
0.50
0.1
2.00
0.20
0.50
0.10
E
0.91
0.10
M
0.90
0.1
O
A
C
I
J
H
F
F
P
L
12
3
1. GND
2. INPUT
3. OUTPUT
1.00
0.10
P
0.95 MAX
Q
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
MAXIMUM RATINGS (Ta=25
℃
℃)
SEMICONDUCTOR
TECHNICAL DATA
KIA79M05F/PI/T~
79M15F/PI/T
BIPOLAR LINEAR INTEGRATED CIRCUIT
DIM
MILLIMETERS
1. GND
2. INPUT
3. OUTPUT
TO-220IS
10.30 MAX
15.30 MAX
2.70
0.30
0.85 MAX
F3.20
0.20
3.00
0.30
A
B
C
D
E
F
G
12.30 MAX
0.75 MAX
H
13.60
0.50
3.90 MAX
1.20
1.30
2.54
4.50
0.20
6.80
2.60
0.20
10
J
K
L
M
N
O
P
Q
R
1
2
3
L
N
M
D
N
T
T
H
E
R
T
V
S
L
U
T
S
0.5
5
25
2.60
0.15
V
U
D
A
C
TO-126
H
J
MILLIMETERS
C
E
F
G
D
A
B
DIM
A
C
E
F
G
H
J
K
M
O
P
N
L
D
1. GND
2. INPUT
3. OUTPUT
K
L
M
N
O
P
8.3 MAX
5.8
0.7
Φ3.1 0.1
3.5
11.0
0.3
2.9 MAX
1.0 MAX
1.9 MAX
0.75
0.15
14.0 MIN
2.3
0.1
0.75
0.15
1.6
3.4 MAX
B
1
23
+
_
+
_
+
_
+
_
+
_
ITEM
OUTPUT VOLTAGE (Typ.)
UNIT
KIA79M05F/PI/T
-5
F : DPAK
PI : TO-220IS
T : TO-126
KIA79M08F/PI/T
-8
KIA79M12F/PI/T
-12
KIA79M15F/PI/T
-15
LINE-UP
CHARACTERISTIC
SYMBOL
RATING
UNIT
Input Voltage
VIN
-35
V
Power Dissipation-1
(No Heatsink)
F
PD1
1.3
W
PI
2
T
1.5
Power Dissipation-2
(Infinite Heatsink)
F
PD2
12
PI
20.8
T
15
Operating Junction Temperature
Tj
-40
~150
℃
Storage Temperature
Tstg
-55
~150
℃
Soldering Temperature (10 seconds)
Tsol
260
℃


Similar Part No. - KIA79M05PI

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIA79M05PI KEC-KIA79M05PI Datasheet
182Kb / 8P
BIPOLAR LINEAR INTEGRATED CIRCUIT (THREE TERMINAL NEGATIVE VOLTAGE REGULATORS)
KIA79M05PI KEC-KIA79M05PI Datasheet
447Kb / 9P
BIPOLAR LINEAR INTEGRATED CIRCUIT (THREE TERMINAL POSITIVE VOLTAGE REGULATORS)
More results

Similar Description - KIA79M05PI

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KID65501P KEC-KID65501P Datasheet
538Kb / 7P
BIPOLAR LINEAR INTEGRATED CIRCUIT
logo
AUK corp
S7129SF AUK-S7129SF Datasheet
204Kb / 3P
Bipolar Linear Integrated Circuit
S7139AM AUK-S7139AM Datasheet
212Kb / 3P
Bipolar Linear Integrated Circuit
S7142AM AUK-S7142AM Datasheet
212Kb / 3P
Bipolar Linear Integrated Circuit
logo
KEC(Korea Electronics)
KIA7805AF KEC-KIA7805AF Datasheet
485Kb / 17P
BIPOLAR LINEAR INTEGRATED CIRCUIT
logo
AUK corp
S7127LSF AUK-S7127LSF Datasheet
94Kb / 4P
Bipolar Linear Integrated Circuit
logo
Toshiba Semiconductor
TA8233BHQ TOSHIBA-TA8233BHQ Datasheet
1Mb / 14P
Bipolar Linear Integrated Circuit
28-Sep-2004
logo
KEC(Korea Electronics)
KIA78MR05PI KEC-KIA78MR05PI Datasheet
1Mb / 8P
BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA78R000F KEC-KIA78R000F Datasheet
103Kb / 10P
BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA7805AF KEC-KIA7805AF_13 Datasheet
451Kb / 20P
BIPOLAR LINEAR INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com