Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PBSS5350Z Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PBSS5350Z
Description  50 V low VCEsat PNP transistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PBSS5350Z Datasheet(HTML) 4 Page - NXP Semiconductors

  PBSS5350Z Datasheet HTML 1Page - NXP Semiconductors PBSS5350Z Datasheet HTML 2Page - NXP Semiconductors PBSS5350Z Datasheet HTML 3Page - NXP Semiconductors PBSS5350Z Datasheet HTML 4Page - NXP Semiconductors PBSS5350Z Datasheet HTML 5Page - NXP Semiconductors PBSS5350Z Datasheet HTML 6Page - NXP Semiconductors PBSS5350Z Datasheet HTML 7Page - NXP Semiconductors PBSS5350Z Datasheet HTML 8Page - NXP Semiconductors PBSS5350Z Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
2003 May 13
4
NXP Semiconductors
Product data sheet
50 V low VCEsat PNP transistor
PBSS5350Z
CHARACTERISTICS
Tamb = 25 °C unless otherwise specified.
Note
1.
Pulse test: tp ≤ 300 μs; δ ≤ 0.02.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
ICBO
collector-base cut-off current VCB = −50 V; IE = 0
−
−
−100
nA
VCB = −50 V; IE = 0; Tj = 150 °C
−
−
−50
μA
IEBO
emitter-base cut-off current
VEB = −5 V; IC = 0
−
−
−100
nA
hFE
DC current gain
VCE = −2 V;
IC = −500 mA
200
−
−
IC = −1 A; note 1
200
−
−
IC = −2 A; note 1
100
−
−
VCEsat
collector-emitter saturation
voltage
IC = −500 mA; IB = −50 mA
−
−
−100
mV
IC = −1 A; IB = −50 mA
−
−
−180
mV
IC = −2 A; IB = −200 mA; note 1
−
−
−300
mV
RCEsat
equivalent on-resistance
IC = −2 A; IB = −200 mA; note 1
−
120
<150
m
Ω
VBEsat
base-emitter saturation
voltage
IC = −2 A; IB = −200 mA; note 1
−
−
−1.2
V
VBEon
base-emitter turn-on voltage
VCE = −2 V; IC = −1 A; note 1
−
−
−1.1
V
fT
transition frequency
IC = −100 mA; VCE = −5 V;
f = 100 MHz
100
−
−
MHz
Cc
collector capacitance
VCB = −10 V; IE = Ie = 0; f = 1 MHz
−
−
40
pF



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com